Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3542 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3542
Description  Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3542 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3542_11 Datasheet HTML 1Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 2Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 3Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 4Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 5Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Complete Single-Conversion
Television Tuner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX3542 EV kit, VCC = +3.1V to +3.5V, TA = 0°C to +70°C, no RF signals at RF inputs, default register settings, VRFAGC = VIFAGC =
+3V (minimum attenuation), unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V, +3.6V
UHF_IN, VHF_IN, IFIN_, IFOUT1_, IFOUT2_, IFAGC,
RFAGC, VTUNE, LDO, MUX, CP,
XTAL_ to GND ........................................-0.3V to (VCC + 0.3V)
SDA, SCL, ADDR2, ADDR1 to GND......................-0.3V to +3.6V
IFOUT__ Short-Circuit Duration .....................................Indefinite
RF Input Power ...............................................................+10dBm
Continuous Power Dissipation (TA = +70°C)
48-Pin LGA (derate 25mW/°C above +70°C) .................1.4W
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+250°C
Soldering Temperature (reflow) .......................................+240°C
CAUTION! ESD SENSITIVE DEVICE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE AND CURRENT
Supply Voltage
+3.1
+3.5
V
Receive mode
230
275
Supply Current
Shutdown mode
5
mA
RF and IF AGC Input Bias Current
At +0.5V and +3V
-50
+50
μA
Minimum attenuation
+3
RF and IF AGC Control Voltage (Note 2)
Maximum attenuation
+0.5
V
Digital Input Logic-Level Low
0.3 x VCC
V
Digital Input Logic-Level High
0.7 x VCC
V
SERIAL INTERFACE
Input Logic-Level Low
0.3 x VCC
V
Input Logic-Level High
0.7 x VCC
V
Input Hysteresis
0.05 x VCC
V
SDA, SCL Input Current
-10
+10
μA
Output Logic-Level Low
3mA sink current
0.4
V
Output Logic-Level High
VCC - 0.5
V


Similar Part No. - MAX3542_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542CLM++ MAXIM-MAX3542CLM+ Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542EVKIT MAXIM-MAX3542EVKIT Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
More results

Similar Description - MAX3542_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com