Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2830ETMT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2830ETMT
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2830ETMT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2830ETMT Datasheet HTML 6Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 7Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 8Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 9Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 10Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 11Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 12Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 13Page - Maxim Integrated Products MAX2830ETMT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
10
______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—Timing (continued)
(MAX2830 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA =+25°C, fLO = 2.437GHz, fREF = 40MHz, SHDN = CS = high, SCLK =
DIN = low, PLL loop bandwidth = 150kHz, and TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3-WIRE SERIAL-INTERFACE TIMING (see Figure 2)
SCLK Rising Edge to
CS Falling
Edge Wait Time, tCSO
6ns
Falling Edge of
CS to Rising
Edge of First SCLK Time, tCSS
6ns
DIN to SCLK Setup Time, tDS
6ns
DIN to SCLK Hold Time, tDH
6ns
SCLK Pulse-Width High, tCH
6ns
SCLK Pulse-Width Low, tCL
6ns
Last Rising Edge of SCLK to
Rising Edge of
CS or Clock to
Load Enable Setup Time, tCSH
6ns
CS High Pulse Width, tCSW
20
ns
Time Between the Rising Edge of
CS and the Next Rising Edge of
SCLK, tCS1
6ns
Clock Frequency, fCLK
20
MHz
Rise Time, tR
2ns
Fall Time, tF
2ns
Note 1: Min and max limits are guaranteed by test above TA = +25°C and guaranteed by design and characterization at TA = -40°C.
The power-on register settings are not production tested. Recommended register setting must be loaded after VCC is supplied.
Note 2: Guaranteed by design and characterization.
Note 3: The nominal part-to-part variation of the RF gain step is ±1dB.
Note 4: Two tones at +25MHz and +48MHz offset with -35dBm/tone. Measure IM3 at 2MHz.
Note 5: Tx I/Q inputs = 100mVRMS.


Similar Part No. - MAX2830ETMT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830ETM+T MAXIM-MAX2830ETM+T Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
More results

Similar Description - MAX2830ETMT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
logo
Holtek Semiconductor In...
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
   2.4GHz Flash RF TX/RX MCU
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
   TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com