Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2832 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 2Page - Maxim Integrated Products MAX2832 Datasheet HTML 3Page - Maxim Integrated Products MAX2832 Datasheet HTML 4Page - Maxim Integrated Products MAX2832 Datasheet HTML 5Page - Maxim Integrated Products MAX2832 Datasheet HTML 6Page - Maxim Integrated Products MAX2832 Datasheet HTML 7Page - Maxim Integrated Products MAX2832 Datasheet HTML 8Page - Maxim Integrated Products MAX2832 Datasheet HTML 9Page - Maxim Integrated Products MAX2832 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—Tx Mode
(MAX2830 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA = +25°C, fRF = 2.439GHz , fLO = 2.437GHz. fREF = 40MHz, SHDN =
RXTX = CS = ANTSEL = high, and SCLK = DIN = low, with power matching for the differential RF pins using the typical applications
circuit. 100mVRMS sine and cosine signal (or 100mVRMS 54Mbps IEEE 802.11g I/Q signals wherever OFDM is mentioned) applied to
baseband I/Q inputs of transmitter (differential DC-coupled). Registers set to recommend settings and corresponding test mode,
unless otherwise noted. RF inputs/outputs specifications are referenced to device pins and do not include 1dB loss from EV kit PCB,
balun, and SMA connectors.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMIT SECTION: Tx BASEBAND I/Q INPUTS TO RF OUTPUTS
RF Output Frequency Range
2.4
2.5
GHz
54Mbps 802.11g OFDM
signal
Output power adjusted to
meet 5.6%EVM, and
spectral mask
17.1
Output Power
6Mbits, OFDM, I/Q signals
Output power adjusted to
meet spectral mask
20.3
dBm
Gain Control Range
B6:B1 = 000000 to 111000
26
dB
Unwanted Sideband Suppression
Without I/Q calibration, B6:B1 = 100001
-42
dBc
Carrier Leakage at Center
Frequency of Channel
Without DC offset correction
-30
dBc
1/3 x fLO
-67
< 1GHz
-36
> 1GHz
-47
2/3 x fLO
-64
4/3 x fLO
-42
5/3 x fLO
-65
8/3 x fLO
-55
2 x fLO
-27
Transmitter Spurious Signal
Emissions
B6:B1 = 111000,
OFDM signal
3 x fLO
-54
dBm/
MHz
RF Output Return Loss
Off-chip balun and single ended
-15
dB
Minimum differential resistance
20
k
Tx I/Q Input Load Impedance
(R || C)
Maximum differential capacitance
0.7
pF
Baseband -3dB Corner
Frequency
D1:D0 = 01, Register 8
(A3:A0 = 1000)
Nominal mode
11
MHz
Baseband Filter Rejection
At 30MHz, in nominal mode
62
dB
Minimum Power-Detector Output
Voltage
Short sequence transmitter power = +10dBm
0.35
V
Maximum Power-Detector Output
Voltage
Short sequence transmitter power = +20dBm
1.2
V
RF Power-Detector Response Time
0.3
µs


Similar Part No. - MAX2832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2832 MAXIM-MAX2832 Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2832ETM MAXIM-MAX2832ETM Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2832ETMT MAXIM-MAX2832ETMT Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2832ETMT MAXIM-MAX2832ETMT Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
More results

Similar Description - MAX2832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
logo
Holtek Semiconductor In...
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
   2.4GHz Flash RF TX/RX MCU
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
   TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com