Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2831 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2831
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2831 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2831_11 Datasheet HTML 7Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 8Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 9Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 10Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 11Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 12Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 13Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 14Page - Maxim Integrated Products MAX2831_11 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
2.4GHz to 2.5GHz 802.11g/b
RF Transceivers with Integrated PA
______________________________________________________________________________________
11
Rx ICC vs. VCC
VCC (V)
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
61
62
63
64
65
66
67
TA = +25°C
TA = -40°C
TA = +85°C
NOISE FIGURE
vs. BASEBAND GAIN SETTINGS
BASEBAND GAIN SETTINGS
02468 10 12 14 16 18 20 22 24 26 28 30 32
0
5
10
15
20
25
30
35
40
45
LNA = HIGH GAIN
LNA = MEDIUM GAIN
LNA = LOW GAIN
Rx VOLTAGE GAIN
vs. BASEBAND GAIN SETTING
BASEBAND GAIN SETTINGS
02468 10 12 14 16 18 20 22 24 26 28 30 32
0
10
20
30
40
50
60
70
80
90
100
LNA = LOW GAIN
LNA = MEDIUM GAIN
LNA = HIGH GAIN
Rx IN-BAND OUTPUT P-1dB vs. GAIN
GAIN (dB)
15
25
35
45
55
75
85
95
-7
-6
-5
-4
-3
-2
-1
0
LNA MEDIUM/HIGH-
GAIN SWITCH POINT
LNA MEDIUM/LOW-
GAIN SWITCH POINT
Rx EVM vs. PIN
PIN (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
20
22
LNA = HIGH GAIN
LNA = LOW GAIN
LNA = MEDIUM GAIN
Rx EVM vs. VOUT
VOUT (dBVRMS)
-29 -27 -25 -23 -21 -19 -17 -15 -13 -11 -9
0
0.5
1.0
1.5
2.0
2.5
3.0
PIN = -50dBm
LNA = HIGH GAIN
OFDM EVM WITH OFDM JAMMER
vs. OFFSET FREQUENCY
PJAMMER (dBm)
-65
-55
-45
-35
-25
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
fOFFSET = 20MHz
fOFFSET = 25MHz
fOFFSET = 40MHz
PIN = -62dBm
Rx EMISSION SPECTRUM, LNA INPUT
MAX2831/32 toc08
RBW = 300kHz
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
DC
26.5GHz
LNA = LOW GAIN
LNA INPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2350
2400
2450
2500
2550
2600
-30
-25
-20
-15
-10
-5
MID GAIN
LOW GAIN
HIGH GAIN
Typical Operating Characteristics
(MAX2831 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA = +25°C, fLO = 2.437GHz, fREF = 40MHz, SHDN = CS = high, RXHP =
SCLK = DIN = low.)


Similar Part No. - MAX2831_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2831ETMT MAXIM-MAX2831ETMT Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2831EVKIT MAXIM-MAX2831EVKIT Datasheet
2Mb / 13P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
More results

Similar Description - MAX2831_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com