Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1436B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1436B
Description  Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1436B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1436B Datasheet HTML 3Page - Maxim Integrated Products MAX1436B Datasheet HTML 4Page - Maxim Integrated Products MAX1436B Datasheet HTML 5Page - Maxim Integrated Products MAX1436B Datasheet HTML 6Page - Maxim Integrated Products MAX1436B Datasheet HTML 7Page - Maxim Integrated Products MAX1436B Datasheet HTML 8Page - Maxim Integrated Products MAX1436B Datasheet HTML 9Page - Maxim Integrated Products MAX1436B Datasheet HTML 10Page - Maxim Integrated Products MAX1436B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Octal, 12-Bit, 40Msps, 1.8V ADC
with Serial LVDS Outputs
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, VCVDD = 3.3V, VGND = 0V, internal reference, differential input at -0.5dBFS, fIN = 5.3MHz, fCLK =
40MHz (50% duty cycle), VDT = 0V, CLOAD = 10pF, TA = +25°C, unless otherwise noted.)
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dBFS)
-5
-10
-25
-20
-15
37
42
52
57
47
62
67
72
32
-30
0
fIN = 5.304814MHz
SIGNAL-TO-NOISE PLUS DISTORTION
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dBFS)
-5
-10
-25
-20
-15
37
42
52
57
47
62
67
72
32
-30
0
fIN = 5.304814MHz
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dBFS)
-5
-10
-25
-20
-15
-80
-85
-75
-65
-60
-70
-55
-50
-45
-95
-90
-30
0
fIN = 5.304814MHz
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dBFS)
-5
-10
-25
-20
-15
60
55
65
75
80
70
85
90
95
45
50
-30
0
fIN = 5.304814MHz
SIGNAL-TO-NOISE RATIO
vs. SAMPLING RATE
CLOCK FREQUENCY (MHz)
35
30
15
20
25
65
64
66
68
69
67
70
71
72
62
63
10
40
fIN = 5.304814MHz
SIGNAL-TO-NOISE PLUS DISTORTION
vs. SAMPLING RATE
CLOCK FREQUENCY (MHz)
35
30
15
20
25
65
64
66
68
69
67
70
71
72
62
63
10
40
fIN = 5.304814MHz
TOTAL HARMONIC DISTORTION
vs. SAMPLING RATE
CLOCK FREQUENCY (MHz)
35
15
20
25
30
-95
-90
-100
-85
-80
-75
-105
10
40
fIN = 5.304814MHz
SPURIOUS-FREE DYNAMIC RANGE
vs. SAMPLING RATE
CLOCK FREQUENCY (MHz)
35
15
20
25
30
85
90
80
95
100
105
75
10
40
fIN = 5.304814MHz
SIGNAL-TO-NOISE RATIO
vs. DUTY CYCLE
DUTY CYCLE (%)
60
65
55
40
45
35
50
69
66
72
67
68
70
71
73
65
30
70
fIN = 5.304814MHz


Similar Part No. - MAX1436B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1436 MAXIM-MAX1436 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1436 MAXIM-MAX1436 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1436 MAXIM-MAX1436 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436ECQ+D MAXIM-MAX1436ECQ+D Datasheet
1Mb / 23P
   Low-Voltage and Low-Power Operation
Rev 1; 8/10
More results

Similar Description - MAX1436B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com