Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1437 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1437
Description  Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1437 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1437 Datasheet HTML 1Page - Maxim Integrated Products MAX1437 Datasheet HTML 2Page - Maxim Integrated Products MAX1437 Datasheet HTML 3Page - Maxim Integrated Products MAX1437 Datasheet HTML 4Page - Maxim Integrated Products MAX1437 Datasheet HTML 5Page - Maxim Integrated Products MAX1437 Datasheet HTML 6Page - Maxim Integrated Products MAX1437 Datasheet HTML 7Page - Maxim Integrated Products MAX1437 Datasheet HTML 8Page - Maxim Integrated Products MAX1437 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX1436 octal, 12-bit analog-to-digital converter
(ADC) features fully differential inputs, a pipelined
architecture, and digital error correction incorporating a
fully differential signal path. This ADC is optimized for
low-power and high-dynamic performance in medical
imaging instrumentation and digital communications
applications. The MAX1436 operates from a 1.8V single
supply and consumes only 743mW (93mW per chan-
nel) while delivering a 69.9dB (typ) signal-to-noise ratio
(SNR) at a 5.3MHz input frequency. In addition to low
operating power, the MAX1436 features a power-down
mode for idle periods.
An internal 1.24V precision bandgap reference sets the
full-scale range of the ADC. A flexible reference struc-
ture allows the use of an external reference for applica-
tions requiring increased accuracy or a different input
voltage range. The reference architecture is optimized
for low noise.
A single-ended clock controls the data-conversion
process. An internal duty-cycle equalizer compensates
for wide variations in clock duty cycle. An on-chip PLL
generates the high-speed serial low-voltage differential
signal (LVDS) clock.
The MAX1436 has self-aligned serial LVDS outputs for
data, clock, and frame-alignment signals. The output
data is presented in two’s complement or binary format.
The MAX1436 offers a maximum sample rate of
40Msps. See the
Pin-Compatible Versions table below
for higher-speed versions. This device is available in a
small, 14mm x 14mm x 1mm, 100-pin TQFP package
with exposed pad and is specified for the extended
industrial (-40°C to +85°C) temperature range.
Applications
Ultrasound and Medical Imaging
Instrumentation
Multichannel Communications
Features
o Excellent Dynamic Performance
69.9dB SNR at 5.3MHz
96dBc SFDR at 5.3MHz
95dB Channel Isolation
o Ultra-Low Power
93mW per Channel (Normal Operation)
o Serial LVDS Outputs
o Pin-Selectable LVDS/SLVS (Scalable Low-Voltage
Signal) Mode
o LVDS Outputs Support Up to 30 Inches FR-4
Backplane Connections
o Test Mode for Digital Signal Integrity
o Fully Differential Analog Inputs
o Wide Differential Input Voltage Range (1.4VP-P)
o On-Chip 1.24V Precision Bandgap Reference
o Clock Duty-Cycle Equalizer
o Compact, 100-Pin TQFP Package with Exposed
Pad
o Evaluation Kit Available (Order MAX1436EVKIT)
Octal, 12-Bit, 40Msps, 1.8V ADC
with Serial LVDS Outputs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3646; Rev 1; 2/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at the end of data sheet.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1436ECQ+D
-40°C to +85°C
100 TQFP-EP*
(14mm x 14mm x 1mm)
Pin-Compatible Versions
PART
SAMPLING RATE
(Msps)
RESOLUTION
(BITS)
MAX1434
50
10
MAX1436
40
12
MAX1437
50
12
MAX1438
65
12
+
Denotes a lead(Pb)-free/RoHS-compliant package.
D = Dry pack.
*
EP = Exposed pad.


Similar Part No. - MAX1437

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437 MAXIM-MAX1437 Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1437BETK++ MAXIM-MAX1437BETK+ Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
More results

Similar Description - MAX1437

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com