Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1434 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1434
Description  Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1434 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1434 Datasheet HTML 4Page - Maxim Integrated Products MAX1434 Datasheet HTML 5Page - Maxim Integrated Products MAX1434 Datasheet HTML 6Page - Maxim Integrated Products MAX1434 Datasheet HTML 7Page - Maxim Integrated Products MAX1434 Datasheet HTML 8Page - Maxim Integrated Products MAX1434 Datasheet HTML 9Page - Maxim Integrated Products MAX1434 Datasheet HTML 10Page - Maxim Integrated Products MAX1434 Datasheet HTML 11Page - Maxim Integrated Products MAX1434 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Octal, 10-Bit, 50Msps, 1.8V ADC
with Serial LVDS Outputs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, VCVDD = 3.3V, VGND = 0V, internal reference, differential input at -0.5dBFS, fIN = 5.3MHz, fCLK = 50MHz
(50% duty cycle), VDT = 0V, CLOAD = 10pF, TA = +25°C, unless otherwise noted.)
SIGNAL-TO-NOISE RATIO
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
10
60
35
58
60
59
57
56
62
61
63
55
-40
85
fCLK = 50MHz
fIN = 19.8MHz
4096-POINT DATA RECORD
SIGNAL-TO-NOISE PLUS DISTORTION
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
10
60
35
58
60
59
57
56
62
61
63
55
-40
85
fCLK = 50MHz
fIN = 19.8MHz
4096-POINT DATA RECORD
TOTAL HARMONIC DISTORTION
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
10
60
35
-90
-88
-89
-91
-94
-92
-93
-86
-87
-85
-95
-40
85
fCLK = 50MHz
fIN = 19.8MHz
4096-POINT DATA RECORD
SPURIOUS-FREE DYNAMIC RANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
10
60
35
85
87
86
84
81
83
82
89
88
90
80
-40
85
fCLK = 50MHz
fIN = 19.8MHz
4096-POINT DATA RECORD
280
300
290
310
320
330
340
350
360
0
102030
50
40
SUPPLY CURRENT
vs. SAMPLING RATE (AVDD)
fCLK (MHz)
55
60
70
65
75
80
85
010
20
30
40
50
SUPPLY CURRENT
vs. SAMPLING RATE (0VDD)
fCLK (MHz)
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
10
60
35
0
-0.06
-0.04
-0.08
-0.02
-0.10
-40
85
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
10
60
35
0.2
0.6
-0.2
-0.6
0
0.4
-0.4
-0.8
0.8
1.0
-1.0
-40
85
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
256
768
512
128
640
896
384
0.025
-0.025
0
-0.050
0.050
0
1024


Similar Part No. - MAX1434

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1434 MAXIM-MAX1434 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1434 MAXIM-MAX1434 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1434 MAXIM-MAX1434 Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1434 MAXIM-MAX1434 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1434ECQ+D MAXIM-MAX1434ECQ+D Datasheet
1Mb / 23P
   Low-Voltage and Low-Power Operation
Rev 1; 8/10
More results

Similar Description - MAX1434

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com