Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1434 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1434
Description  Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1434 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1434_11 Datasheet HTML 1Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 2Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 3Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 4Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1434_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Octal, 10-Bit, 50Msps, 1.8V ADC
with Serial LVDS Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, VCVDD = 3.3V, VGND = 0V, external VREFIO = 1.24V, CREFIO = 0.1µF, CREFP = 10µF, CREFN = 10µF,
fCLK = 50MHz (50% duty cycle), VDT = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 5.3MHz at -0.5dBFS
9.9
Effective Number of Bits
ENOB
fIN = 19.3MHz at -0.5dBFS
9.9
dB
fIN = 5.3MHz at -0.5dBFS
84
Spurious-Free Dynamic Range
SFDR
fIN = 19.3MHz at -0.5dBFS
77
85
dBc
fIN = 5.3MHz at -0.5dBFS
-89
Total Harmonic Distortion
THD
fIN = 19.3MHz at -0.5dBFS
-91
-77
dBc
Intermodulation Distortion
IMD
f1 = 5.3MHz at -6.5dBFS
f2 = 6.3MHz at -6.5dBFS
86.0
dBc
Third-Order Intermodulation
IM3
f1 = 5.3MHz at -6.5dBFS
f2 = 6.3MHz at -6.5dBFS
92.9
dBc
Aperture Jitter
tAJ
Figure 11
< 0.4
psRMS
Aperture Delay
tAD
Figure 11
1
ns
Small-Signal Bandwidth
SSBW
Input at -20dBFS
100
MHz
Full-Power Bandwidth
LSBW
Input at -0.5dBFS
100
MHz
Output Noise
IN_P = IN_N
0.058
LSBRMS
Over-Range Recovery Time
tOR
RS = 25
Ω, CS = 50pF
1
Clock
cycle
INTERNAL REFERENCE
REFADJ Internal Reference-Mode
Enable Voltage
(Note 6)
0.1
V
REFADJ Low-Leakage Current
1.5
mA
REFIO Output Voltage
VREFIO
1.18
1.24
1.30
V
Reference Temperature
Coefficient
TCREFIO
120
ppm/°C
EXTERNAL REFERENCE
REFADJ External Reference-
Mode Enable Voltage
(Note 6)
VAVDD -
0.1
V
REFADJ High-Leakage Current
200
µA
REFIO Input Voltage
1.24
V
REFIO Input Voltage Tolerance
±5
%
REFIO Input Current
IREFIO
<1
µA
COMMON-MODE OUTPUT (CMOUT)
CMOUT Output Voltage
VCMOUT
0.76
V
CLOCK INPUT (CLK)
Input High Voltage
VCLKH
0.8 x
VAVDD
V
Input Low Voltage
VCLKL
0.2 x
VAVDD
V
Clock Duty Cycle
50
%
Clock Duty-Cycle Tolerance
±30
%


Similar Part No. - MAX1434_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1434ECQ+D MAXIM-MAX1434ECQ+D Datasheet
1Mb / 23P
   Low-Voltage and Low-Power Operation
Rev 1; 8/10
MAX1434EVKIT MAXIM-MAX1434EVKIT Datasheet
1Mb / 23P
   Low-Voltage and Low-Power Operation
Rev 1; 8/10
More results

Similar Description - MAX1434_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com