Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1111
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1111 Datasheet HTML 2Page - Maxim Integrated Products MAX1111 Datasheet HTML 3Page - Maxim Integrated Products MAX1111 Datasheet HTML 4Page - Maxim Integrated Products MAX1111 Datasheet HTML 5Page - Maxim Integrated Products MAX1111 Datasheet HTML 6Page - Maxim Integrated Products MAX1111 Datasheet HTML 7Page - Maxim Integrated Products MAX1111 Datasheet HTML 8Page - Maxim Integrated Products MAX1111 Datasheet HTML 9Page - Maxim Integrated Products MAX1111 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = 2.7V; fSCLK = 500kHz; external clock (50% duty cycle); RL =
∞; TA = +25°C, unless otherwise noted.)
400
100
2.5
6.0
SUPPLY CURRENT vs. SUPPLY VOLTAGE
150
350
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
300
250
200
OUTPUT CODE = 10101010
CLOAD = 60pF
CLOAD = 30pF
160
60
-60
140
SUPPLY CURRENT vs. TEMPERATURE
80
140
TEMPERATURE (
°C)
-20
20
60
100
120
100
OUTPUT CODE = FULL SCALE
CLOAD = 10pF
VDD = 5.5V
VDD = 3.6V
5.0
2.0
-60
140
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
2.5
4.5
TEMPERATURE (
°C)
-20
20
60
100
4.0
3.5
3.0
SHDN = DGND
0.8
0
2.5
6.0
OFFSET ERROR vs. SUPPLY VOLTAGE
0.1
0.7
0.6
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.5
0.4
0.3
0.2
0.5
0
2.5
6.0
INTEGRAL NONLINEARITY vs.
SUPPLY VOLTAGE
0.1
0.4
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.3
0.2
0.3
-0.3
0256
DIFFERENTIAL NONLINEARITY
vs. CODE
-0.2
0.2
0.1
DIGITAL CODE
64
128
192
0
-0.1
0.6
0
-60
140
OFFSET ERROR vs. TEMPERATURE
0.1
0.2
0.5
TEMPERATURE (
°C)
-20
20
60
100
0.4
0.3
0.20
-0.20
0
256
INTEGRAL NONLINEARITY
vs. CODE
-0.10
-0.15
0.15
0.10
0.05
DIGITAL CODE
64
128
192
0
-0.05
20
-100
025
FFT PLOT
-80
-20
0
FREQUENCY (kHz)
510
15
20
-60
-40
fCH_ = 10.034kHz, 2VP-P
fSAMPLE = 50ksps


Similar Part No. - MAX1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111 MAXIM-MAX1111 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com