Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL19W01-NH2T32 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TL19W01-NH2T32
Description  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-NH2T32 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TL19W01-NH2T32 Datasheet HTML 1Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-NH2T32 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL19W01-NH2(T32
2010-12-13
3
Note 7: ΦV rank classification
The specification on the following table is used for F classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Note 8: Color Rendering Index
Measurement tolerance : +/- 5
Cautions
• The product is sensitive to electrostatic and care must be fully taken when handling products. Particularly in
the case that an over-voltage shall be applied, the overflowed energy may cause damage to or possibly result in
destruction of the product. Users shall take absolutely secure countermeasures against electrostatic and surge
when handling the product.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.
• Please note the handling of products during evaluation.
1. Please do not apply pressure to the upper surface of the product with finger, tweezers, and others. Failure of
product to light up may occur due to package deformation, wire deformation and/or disconnection.
2. Should tweezers be used in product handling, one with flat surfaces is recommended.
3. Please handle the product widthwise.
4. Please do not drop the product. There is a possibility for package transformation etc. to occur when the product
is dropped.
5. Please do not stack the Printed Circuit Boards on which the product is mounted to prevent damages to product
surface. Also, please note not to damage the surface of the product with cushioning material etc. Surface
damage to the product may influence their optical characteristics.
Luminous flux
ΦV
Part Number
Min
Typ.
Max
IF
TL19W01-NH2(T32
70
90
110
B07
70
80
B08
80
90
B09
90
100
B10
100
110
300
Unit
lm
mA
Ta=25°C
Tolerance: +/-10%


Similar Part No. - TL19W01-NH2T32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL19W01-N TOSHIBA-TL19W01-N Datasheet
280Kb / 10P
   LED lamps
TL19W01-N-T32 TOSHIBA-TL19W01-N-T32 Datasheet
280Kb / 10P
   LED lamps
More results

Similar Description - TL19W01-NH2T32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com