Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1077 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1077
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1077 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1077 Datasheet HTML 1Page - Maxim Integrated Products MAX1077 Datasheet HTML 2Page - Maxim Integrated Products MAX1077 Datasheet HTML 3Page - Maxim Integrated Products MAX1077 Datasheet HTML 4Page - Maxim Integrated Products MAX1077 Datasheet HTML 5Page - Maxim Integrated Products MAX1077 Datasheet HTML 6Page - Maxim Integrated Products MAX1077 Datasheet HTML 7Page - Maxim Integrated Products MAX1077 Datasheet HTML 8Page - Maxim Integrated Products MAX1077 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1.5Msps, Single-Supply, Low-Power, True-
Differential, 10-Bit ADCs with Internal Reference
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VDD = +3V, VL = VDD, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.)
MAXIMUM RECOMMENDED fSCLK vs. VL
VL (V)
3.3
3.0
2.7
2.4
2.1
19
21
23
25
17
1.8
3.6
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0
256
512
768
1024
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1077)
DIGITAL OUTPUT CODE
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-512
-256
0
256
512
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1079)
DIGITAL OUTPUT CODE
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0
256
512
768
1024
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1077)
DIGITAL OUTPUT CODE
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-512
-256
0
256
512
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1079)
DIGITAL OUTPUT CODE
0
-0.50
-1.00
-1.50
-2.00
-40
10
-15
35
60
85
OFFSET ERROR
vs. TEMPERATURE (MAX1077)
TEMPERATURE (
°C)
0
-0.50
-1.00
-1.50
-2.00
-40
10
-15
35
60
85
OFFSET ERROR
vs. TEMPERATURE (MAX1079)
TEMPERATURE (
°C)
1.00
0.50
0
-0.50
-1.00
-40
10
-15
35
60
85
GAIN ERROR
vs. TEMPERATURE (MAX1077)
TEMPERATURE (
°C)
1.00
0.50
0
-0.50
-1.00
-40
10
-15
35
60
85
GAIN ERROR
vs. TEMPERATURE (MAX1079)
TEMPERATURE (
°C)


Similar Part No. - MAX1077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX107 MAXIM-MAX107 Datasheet
1Mb / 21P
   Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Rev 0; 5/01
MAX107 MAXIM-MAX107 Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1070CTC-T MAXIM-MAX1070CTC-T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
More results

Similar Description - MAX1077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com