Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTPS3085P Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTPS3085P
Description  Infrared Point Source LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS3085P Datasheet(HTML) 1 Page - Marktech Corporate

  MTPS3085P Datasheet HTML 1Page - Marktech Corporate MTPS3085P Datasheet HTML 2Page - Marktech Corporate MTPS3085P Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
80
mA
Forward Current (Pulse)*1
IFP
0.4
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec; *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 855nm
The 850nm Point Source Series is designed for applications requiring high accuracy and precision as well
as uniform spectral emission. Custom package solutions and sorting are available.
FEATURES
> Hermetically Sealed TO-18
> Emitting Window Diameter Ф 50μm
> Gold Plated Dome Lens
> High Reliability / High Output Power
> Extremely Narrow Radiation Pattern
APPLICATIONS
> Optical Scanning / Optical Sensors
> Linear & Rotary Encoder
> Edge Sensing
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=50mA
1.8
2.5
--
mW
Forward Voltage
VF
IF=50mA
--
2.0
2.4
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=50mA
--
855
--
nm
Spectral Line Half Width
λ
IF=50mA
--
35
--
nm
Half Intensity Beam Angle
Ө
IF=50mA
--
±2
--
deg
Infrared Point Source LED
Product No:
MTPS3085P
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-02-10


Similar Part No. - MTPS3085P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS3085P MARKTECH-MTPS3085P Datasheet
173Kb / 1P
   High Output Power
MTPS3085P MARKTECH-MTPS3085P Datasheet
728Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS3085P MARKTECH-MTPS3085P Datasheet
728Kb / 3P
   Infrared Point Source Emitter
MTPS3085P_1105 MARKTECH-MTPS3085P_1105 Datasheet
728Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS3085P MARKTECH-MTPS3085P_15 Datasheet
728Kb / 3P
   Infrared Point Source Emitter
More results

Similar Description - MTPS3085P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS3085MC MARKTECH-MTPS3085MC Datasheet
903Kb / 4P
   Infrared Point Source LED
MTPS8085M1 MARKTECH-MTPS8085M1_11 Datasheet
853Kb / 3P
   Infrared Point Source LED
MTPS8085NJ1 MARKTECH-MTPS8085NJ1 Datasheet
772Kb / 3P
   Infrared Point Source LED
MTPS8085FT MARKTECH-MTPS8085FT_11 Datasheet
677Kb / 3P
   Infrared Point Source LED
MTPS8085MT MARKTECH-MTPS8085MT_11 Datasheet
940Kb / 4P
   Infrared Point Source LED
MTPS8085MC MARKTECH-MTPS8085MC Datasheet
904Kb / 4P
   Infrared Point Source LED
MTPS8085CP MARKTECH-MTPS8085CP Datasheet
921Kb / 4P
   Infrared Point Source LED
MTPS3085WS MARKTECH-MTPS3085WS Datasheet
783Kb / 3P
   Infrared Point Source LED
MTPS3085CP MARKTECH-MTPS3085CP Datasheet
887Kb / 4P
   Infrared Point Source LED
MTPS3085WC1 MARKTECH-MTPS3085WC1 Datasheet
729Kb / 2P
   Infrared Point Source LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com