Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX890L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX890L
Description  1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX890L Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX890L Datasheet HTML 1Page - Maxim Integrated Products MAX890L Datasheet HTML 2Page - Maxim Integrated Products MAX890L Datasheet HTML 3Page - Maxim Integrated Products MAX890L Datasheet HTML 4Page - Maxim Integrated Products MAX890L Datasheet HTML 5Page - Maxim Integrated Products MAX890L Datasheet HTML 6Page - Maxim Integrated Products MAX890L Datasheet HTML 7Page - Maxim Integrated Products MAX890L Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX890L smart, low-voltage, P-channel, MOSFET
power switch is intended for high-side load-switching
applications. This switch operates with inputs from
+2.7V to +5.5V, making it ideal for both +3V and +5V
systems. Internal current-limiting circuitry protects the
input supply against overload. Thermal-overload pro-
tection limits power dissipation and junction tempera-
tures.
The MAX890L’s maximum current limit is 1.2A. The cur-
rent limit through the switch is programmed with a
resistor from SET to ground. The quiescent supply cur-
rent is a low 10µA. When the switch is off, the supply
current decreases to 0.1µA.
The MAX890L is available in an 8-pin SO package.
Applications
PCMCIA Slots
Access Bus Slots
Portable Equipment
Features
♦♦ +2.7V to +5.5V Input Range
♦♦ Programmable Current Limit
♦♦ Low Quiescent Current
10µA (typ) at VIN = +3.3V
0.1µA (typ) with Switch Off
♦♦ Thermal Shutdown
♦♦ FAULT Indicator Output
♦♦ 0.09Ω (typ) On-Resistance
1.2A, Current-Limited, High-Side
P-Channel Switch with Thermal Shutdown
________________________________________________________________
Maxim Integrated Products
1
1
+
2
8
7
FAULT
OUT
OUT
SET
IN
IN
ON
GND
MAX890L
SO
TOP VIEW
3
4
6
5
Pin Configuration
MAX890L
1
μF
0.1
μF
100k
Ω
IN
OUTPUT
OUT
INPUT
IN
OUT
FAULT
ON
ON/OFF
RSET
GND
SET
Typical Operating Circuit
19-1146; Rev 4; 4/11
Ordering Information
*
To order this unit in tape and reel, add (T) to the end of the
part number.
**
Dice are tested at TA = +25°C.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
CURRENT
LIMIT
MAX890LC/D
0°C to +70°C
Dice**
1.2A
MAX890LESA+
-40°C to +85°C 8 SO
1.2A
MAX890LESA/V+
-40°C to +85°C 8 SO
1.2A


Similar Part No. - MAX890L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890LC/D MAXIM-MAX890LC/D Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890LC/D MAXIM-MAX890LC/D Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX890LESA MAXIM-MAX890LESA Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
More results

Similar Description - MAX890L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX894L MAXIM-MAX894L_07 Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com