Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS31408GN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS31408GN
Description  8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31408GN Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS31408GN Datasheet HTML 1Page - Maxim Integrated Products DS31408GN Datasheet HTML 2Page - Maxim Integrated Products DS31408GN Datasheet HTML 3Page - Maxim Integrated Products DS31408GN Datasheet HTML 4Page - Maxim Integrated Products DS31408GN Datasheet HTML 5Page - Maxim Integrated Products DS31408GN Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS31408
3
Typical Line Card Application Example, Traditional Frequency Synchronization
Typical Application Example, Frequency and Time Synchronization
system time, e.g. 1 PPS
to all port cards
line clocks, e.g. 25MHz
from port cards,
for SyncE or
1588+SyncE operation
DS31408
SPI
Local OSC
TCXO or
OCXO
system clock, e.g. 25MHz
other clocks
Processor
1588
Software
packet data to/from central switch function
DPLL
1588
Clock
ABRIDGED DATA SHEET


Similar Part No. - DS31408GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS31408GN MAXIM-DS31408GN Datasheet
95Kb / 6P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 4; 7/11
DS31408GN++ MAXIM-DS31408GN+ Datasheet
95Kb / 6P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 4; 7/11
More results

Similar Description - DS31408GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS31408_1107 MAXIM-DS31408_1107 Datasheet
95Kb / 6P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 4; 7/11
DS31400 MAXIM-DS31400 Datasheet
100Kb / 5P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter
Rev 0; 4/10
DS31415_1107 MAXIM-DS31415_1107 Datasheet
86Kb / 5P
   3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 2; 7/11
DS31415 MAXIM-DS31415 Datasheet
137Kb / 5P
   3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 1; 3/11
DS31406 MAXIM-DS31406 Datasheet
130Kb / 5P
   2-Input, 14-Output, Single DPLL Timing IC with Sub-ps Output Jitter
Rev 0; 12/10
DS31404 MAXIM-DS31404 Datasheet
103Kb / 5P
   4-Input, 8-Output, Dual DPLL Timing IC with Sub-ps Output Jitter Differential
Rev 0; 12/10
DS31407 MAXIM-DS31407 Datasheet
129Kb / 4P
   3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter Differential
Rev 0; 1/11
logo
Analog Devices
AD9543 AD-AD9543 Datasheet
1Mb / 66P
   Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
AD9545 AD-AD9545 Datasheet
2Mb / 157P
   Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
AD9544 AD-AD9544 Datasheet
1Mb / 62P
   Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com