Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26324GN Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS26324GN
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324GN Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS26324GN Datasheet HTML 6Page - Maxim Integrated Products DS26324GN Datasheet HTML 7Page - Maxim Integrated Products DS26324GN Datasheet HTML 8Page - Maxim Integrated Products DS26324GN Datasheet HTML 9Page - Maxim Integrated Products DS26324GN Datasheet HTML 10Page - Maxim Integrated Products DS26324GN Datasheet HTML 11Page - Maxim Integrated Products DS26324GN Datasheet HTML 12Page - Maxim Integrated Products DS26324GN Datasheet HTML 13Page - Maxim Integrated Products DS26324GN Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
10 of 120
4 PIN DESCRIPTION
Table 4-1. Pin Descriptions
NAME
PIN
TYPE
FUNCTION
ANALOG TRANSMIT AND RECEIVE
TTIP1
E1
Analog
output
Transmit Bipolar Tip for Channels 1–16. These pins are differential
line driver tip outputs. These pins can be high impedance if pin OE is
low. When “1” is set in the Output Enable Register OE bit, the
associated TTIPn pin will be enabled when the OE pin is high. The
differential outputs of TTIPn and TRINGn can provide internal
matched impedance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω.
If the TCLK input for a given LIU is held low for 64 MCLKs, that LIU’s
transmitter is powered down and the TTIP/TRING outputs are high
impedance.
TTIP2
F1
TTIP3
K1
TTIP4
L1
TTIP5
T5
TTIP6
T6
TTIP7
T10
TTIP8
T11
TTIP9
M16
TTIP10
L16
TTIP11
G16
TTIP12
F16
TTIP13
A12
TTIP14
A11
TTIP15
A7
TTIP16
A6
TRING1
E2
Analog
output
Transmit Bipolar Ring for Channels 1–16. These pins are
differential line driver ring outputs. These pins can be high impedance
if pin OE is low. When “1” is set in the Output Enable Register OE bit,
the associated TRINGn pin will be enabled when the OE pin is high.
The differential outputs of TTIPn and TRINGn can provide internal
matched impedance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω.
If the TCLK input for a given LIU is held low for 64 MCLKs, that LIU’s
transmitter is powered down and the TTIP/TRING outputs are high
impedance.
TRING2
F2
TRING3
K2
TRING4
L2
TRING5
R5
TRING6
R6
TRING7
R10
TRING8
R11
TRING9
M15
TRING10
L15
TRING11
G15
TRING12
F15
TRING13
B12
TRING14
B11
TRING15
B7
TRING16
B6
RTIP1
A1
Analog
input
Receive Bipolar Tip for Channels 1–16. Receive analog input for
differential receiver. Data and clock are recovered and output at
RPOS/RNEG and RCLK pins, respectively. The differential inputs of
RTIPn and RRINGn can provide internal impedance matching with
external resistance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω.
RTIP2
C1
RTIP3
H1
RTIP4
N1
RTIP5
T1
RTIP6
T3
RTIP7
T8
RTIP8
T13
RTIP9
T16
RTIP10
P16
RTIP11
J16
RTIP12
D16
RTIP13
A16
RTIP14
A14
RTIP15
A9
RTIP16
A4


Similar Part No. - DS26324GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324GN MAXIM-DS26324GN Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Dallas Semiconductor
DS26324GN DALLAS-DS26324GN Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
More results

Similar Description - DS26324GN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com