Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2431+R Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2431+R
Description  1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431+R Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2431+R Datasheet HTML 1Page - Maxim Integrated Products DS2431+R Datasheet HTML 2Page - Maxim Integrated Products DS2431+R Datasheet HTML 3Page - Maxim Integrated Products DS2431+R Datasheet HTML 4Page - Maxim Integrated Products DS2431+R Datasheet HTML 5Page - Maxim Integrated Products DS2431+R Datasheet HTML 6Page - Maxim Integrated Products DS2431+R Datasheet HTML 7Page - Maxim Integrated Products DS2431+R Datasheet HTML 8Page - Maxim Integrated Products DS2431+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Pin Description
PIN
TSOC
TO-92
TDFN-EP
SFN
UCSPR
NAME
FUNCTION
3, 4, 5, 6
3
1, 4, 5, 6
A2, A3, C2,
C3
N.C.
Not Connected
2
2
2
1
C1
IO
1-Wire Bus Interface. Open-drain signal
that requires an external pullup resistor.
1
1
3
2
A1
GND
Ground Reference
EP
EP
Exposed Pad. Solder evenly to the
board’s ground plane for proper
operation. Refer to Application Note
3273: Exposed Pads: A Brief
Introduction for additional information.
1024-Bit, 1-Wire EEPROM
_______________________________________________________________________________________
5
Detailed Description
The DS2431 combines 1024 bits of EEPROM, an
8-byte register/control page with up to 7 user read/write
bytes, and a fully featured 1-Wire interface in a single
chip. Each DS2431 has its own 64-bit ROM registration
number that is factory lasered into the chip to provide a
guaranteed unique identity for absolute traceability.
Data
is
transferred
serially
through
the
1-Wire protocol, which requires only a single data lead
and a ground return. The DS2431 has an additional
memory area called the scratchpad that acts as a
buffer when writing to the main memory or the register
page. Data is first written to the scratchpad from which
it can be read back. After the data has been verified, a
Copy Scratchpad command transfers the data to its
final memory location. The DS2431 applications include
accessory/PCB identification, medical sensor calibra-
tion data storage, analog sensor calibration including
IEEE P1451.4 smart sensors, ink and toner print car-
tridge identification, and after-market management of
consumables.
Overview
The block diagram in Figure 1 shows the relationships
between the major control and memory sections of the
DS2431. The DS2431 has four main data components:
64-bit lasered ROM, 64-bit scratchpad, four 32-byte
pages of EEPROM, and a 64-bit register page.
MEMORY
FUNCTION
CONTROL UNIT
DATA MEMORY
4 PAGES OF
256 BITS EACH
CRC-16
GENERATOR
64-BIT
SCRATCHPAD
1-Wire
FUNCTION CONTROL
64-BIT
LASERED ROM
PARASITE POWER
IO
REGISTER PAGE
64 BITS
DS2431
Figure 1. Block Diagram


Similar Part No. - DS2431+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431+R MAXIM-DS2431+R Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431+R MAXIM-DS2431+R Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
More results

Similar Description - DS2431+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com