Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2711E+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2711E+
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711E+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2711E+ Datasheet HTML 1Page - Maxim Integrated Products DS2711E+ Datasheet HTML 2Page - Maxim Integrated Products DS2711E+ Datasheet HTML 3Page - Maxim Integrated Products DS2711E+ Datasheet HTML 4Page - Maxim Integrated Products DS2711E+ Datasheet HTML 5Page - Maxim Integrated Products DS2711E+ Datasheet HTML 6Page - Maxim Integrated Products DS2711E+ Datasheet HTML 7Page - Maxim Integrated Products DS2711E+ Datasheet HTML 8Page - Maxim Integrated Products DS2711E+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
2 of 15
ABSOLUTE MAXIMUM RATINGS
Voltage Range on All Pins Relative to VSS……………………………………………………………………-0.3V to +6V
Voltage Range on DMSEL……………………………………………….……………………………………….VDD + 0.3V
Continuous Sink Current CC1, CC2, LED1, LED2, and CSOUT………………………………............................20mA
Operating Temperature Range………………………………………………………………………………-40°C to +85°C
Storage Temperature Range……………………………………………………………………………….-55°C to +125°C
Lead Temperature (soldering, 10s) ................................................................................................................. +300
°C
Soldering Temperature (reflow)
Lead(Pb)-free ............................................................................................................................................ +260
°C
Containing lead(Pb)................................................................................................................................... +240
°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(4.0V
≤ V
DD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
4.0
5.5
V
Input Voltage Range
LED2, DMSEL
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(4.0V
≤ V
DD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current, VDD
IDD
Operating mode
250
500
µA
UVLO Threshold
VUVLO
VDD rising (Note 1)
3.5
3.9
V
UVLO Hysteresis
VUHYS
VDD falling from above
VUVLO
40
mV
Output-Voltage Low,
CC1, CC2, LED1, LED2
VOL1
VDD = 5.0V,
IOL = 20mA (Note 1)
1.0
V
Output-Voltage Low,
CSOUT
VOL2
VDD = 5.0V,
IOL = 20mA (Note 1)
0.75
1.25
V
Leakage Current,
CC1, CC2, LED1, LED2,
CSOUT
ILKG
VDD = 5.0V,
Output inactive
-1
+1
µA
Threshold Voltage,
-
∆V Termination
V-∆V
After tTHO
1.0
2.0
3.0
mV
Mode Test Current,
DMSEL, LED2
IMTST
(Notes 2, 3)
5
15
µA
Input Logic-High,
DMSEL, LED2
VIH
(Note 1)
VDD -
0.2
V
Input Logic-Low, DMSEL,
LED2
VIL
(Note 1)
0.2
V
Input Leakage Current,
DMSEL
IIL1
After power-up mode
select,
DMSEL = VDD or VSS
-1
+1
µA
Threshold Voltage, Cell
Test
VCTST
RCTST = 80kΩ
85
100
115
mV
Threshold Voltage, Cell
Voltage Low
VBAT-LOW
CC1 = CC2 = high-Z
(Note 4)
0.9
1.0
1.1
V
Threshold Voltage, Cell
Voltage Max1
VBAT-MAX1
CC1 = CC2 = high-Z
(Note 4)
1.55
1.65
1.75
V
Threshold Voltage, Cell
Voltage Max2
VBAT-MAX2
CC1, CC2 active
(Note 4)
1.64
1.75
1.86
V
Threshold Voltage Delta
VBAT-MAXΔ
VBAT-MAX2 - VBAT-MAX1
(Note 5)
90
100
110
mV


Similar Part No. - DS2711E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711E++ MAXIM-DS2711E+ Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2711E+TR MAXIM-DS2711E+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2711E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com