Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR60010HCT Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SDR60010HCT
Description  HYPER FAST CENTERTAP RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR60010HCT Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SDR60010HCT Datasheet HTML 1Page - Solid States Devices, Inc SDR60010HCT Datasheet HTML 2Page - Solid States Devices, Inc SDR60010HCT Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0147B
DOC
CASE OUTLINE: SMD1
CASE OUTLINE: TO-254
CASE OUTLINE: TO-254Z
Optional Lead Bent Configuration
Pin Assignment
Down Bent (DB Suffix)
Up Bent (UB Suffix)
For information on curves, contact the Factory
Representative for Engineering Assistance.
Package
Pin 1
Pin 2
Pin 3
SMD1
Anode Cathode Anode
TO-254
Anode Cathode Anode
TO-254Z
Anode Cathode Anode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR60010HCT
thru
SDR60020HCT


Similar Part No. - SDR60010HCT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR600 SSDI-SDR600 Datasheet
315Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR600 SSDI-SDR600 Datasheet
139Kb / 2P
   Ultra Fast Rectifier
SDR6004 SSDI-SDR6004 Datasheet
148Kb / 3P
   Ultrafast Rectifier
SDR6004HFNS SSDI-SDR6004HFNS Datasheet
167Kb / 2P
   60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6004HFNTX SSDI-SDR6004HFNTX Datasheet
167Kb / 2P
   60A 35nsec 400 to 600 V Hyper Fast Rectifier
More results

Similar Description - SDR60010HCT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0073 SSDI-RH0073_15 Datasheet
321Kb / 2P
   Hyper Fast Centertap Rectifier
RH0243 SSDI-RH0243_15 Datasheet
236Kb / 2P
   Hyper Fast Centertap Rectifier
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM_1 Datasheet
118Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
RH0123 SSDI-RH0123 Datasheet
56Kb / 2P
   Hyper Fast Centertap Rectifier
SDR9103CTN SSDI-SDR9103CTN_1 Datasheet
161Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
SDR623CTJ SSDI-SDR623CTJ_1 Datasheet
79Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
RH0049 SSDI-RH0049 Datasheet
81Kb / 2P
   Hyper Fast Centertap Rectifier
RH0055 SSDI-RH0055 Datasheet
49Kb / 2P
   Hyper Fast Centertap Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com