Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK401-210 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK401-210
Description  AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-210 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK401-210 Datasheet HTML 1Page - Sanyo Semicon Device STK401-210 Datasheet HTML 2Page - Sanyo Semicon Device STK401-210 Datasheet HTML 3Page - Sanyo Semicon Device STK401-210 Datasheet HTML 4Page - Sanyo Semicon Device STK401-210 Datasheet HTML 5Page - Sanyo Semicon Device STK401-210 Datasheet HTML 6Page - Sanyo Semicon Device STK401-210 Datasheet HTML 7Page - Sanyo Semicon Device STK401-210 Datasheet HTML 8Page - Sanyo Semicon Device STK401-210 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Series Configuration
No. 4822-5/10
STK400-290
STK400-000, STK400-200 series
STK401-000, STK401-200 series (2 ch)
Supply voltage (V)
(3 ch simultaneous)
THD
THD
Fixed
THD
THD
Fixed
Type No.
(%)
Type No.
(%)
standard
Type No.
(%)
Type No.
(%)
standard
VCC max1
VCC max2
VCC1
VCC2
output
output
STK400-010
STK400-210
10 W
× 3 STK401-010
STK401-210
10 W
× 2
±26.0
±17.5
±14.0
STK400-020
STK400-220
15 W
× 3 STK401-020
STK401-220
15 W
× 2
±29.0
±20.0
±16.0
STK400-030
STK400-230
20 W
× 3 STK401-030
STK401-230
20 W
× 2
±34.0
±23.0
±19.0
STK400-040
STK400-240
25 W
× 3 STK401-040
STK401-240
25 W
× 2
±36.0
±25.0
±21.0
STK400-050
STK400-250
30 W
× 3 STK401-050
STK401-250
30 W
× 2
±39.0
±26.0
±22.0
STK400-060
STK400-260
35 W
× 3 STK401-060
STK401-260
35 W
× 2
±41.0
±28.0
±23.0
STK400-070
0.4
STK400-270
0.08
40 W
× 3 STK401-070
0.4
STK401-270
0.08
40 W
× 2
±44.0
±30.0
±24.0
STK400-080
STK400-280
45 W
× 3 STK401-080
STK401-280
45 W
× 2
±45.0
±31.0
±25.0
STK400-090
STK400-290
50 W
× 3 STK401-090
STK401-290
50 W
× 2
±47.0
±32.0
±26.0
STK400-100
STK400-300
60 W
× 3 STK401-100
STK401-300
60 W
× 2
±51.0
±35.0
±27.0
STK400-110
STK400-310
70 W
× 3 STK401-110
STK401-310
70 W
× 2
±56.0
±38.0
STK401-120
STK401-320
80 W
× 2
±61.0
±42.0
STK401-130
STK401-330
100 W
× 2
±65.0
±45.0
STK401-140
STK401-340
120 W
× 2
±74.0
±51.0
STK400-400, STK400-600 series
Supply voltage (V)
(3 ch non-simultaneous)
THD
THD
Fixed
Type No.
(%)
Type No.
(%)
standard
VCC max1
VCC max2
VCC1
VCC2
output
STK400-450
STK400-650
C ch
30 W
±39.0
±26.0
±22.0
L, R ch
15 W
±29.0
±20.0
±16.0
STK400-460
STK400-660
C ch
35 W
±41.0
±28.0
±23.0
L, R ch
15 W
±29.0
±20.0
±16.0
STK400-470
STK400-670
C ch
40 W
±44.0
±30.0
±24.0
L, R ch
20 W
±34.0
±23.0
±19.0
STK400-480
STK400-680
C ch
45 W
±45.0
±31.0
±25.0
L, R ch
20 W
±34.0
±23.0
±19.0
STK400-490
0.4
STK400-690
0.08
C ch
50 W
±47.0
±32.0
±26.0
L, R ch
25 W
±36.0
±25.0
±21.0
STK400-500
STK400-700
C ch
60 W
±51.0
±35.0
±27.0
L, R ch
30 W
±39.0
±26.0
±22.0
STK400-510
STK400-710
C ch
70 W
±56.0
±38.0
L, R ch
35 W
±41.0
±28.0
±23.0
STK400-520
STK400-720
C ch
80 W
±61.0
±42.0
L, R ch
40 W
±44.0
±30.0
±24.0
STK400-530
STK400-730
C ch
100 W
±65.0
±45.0
L, R ch
50 W
±47.0
±32.0
±26.0
VCC max1
RL = 6
VCC max2
RL = 3
Ω to 6 Ω operation
VCC1
RL = 6
Ω operation
VCC2
RL = 3
Ω operation


Similar Part No. - STK401-210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-210 SANYO-STK401-210 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-210 SANYO-STK401-210 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-210 SANYO-STK401-210 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-210 SANYO-STK401-210 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK401-210 SANYO-STK401-210 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK401-210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK400-090 SANYO-STK400-090 Datasheet
265Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com