Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1922E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1922E
Description  High-Temperature Logger iButton with 8KB Data-Log Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1922E Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1922E_11 Datasheet HTML 1Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 2Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 3Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 4Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 5Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 6Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 7Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 8Page - Maxim Integrated Products DS1922E_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
High-Temperature Logger iButton with 8KB
Data-Log Memory
4
_______________________________________________________________________________________
Note 1:
Operation above +125°C is restricted to mission operations only. Communication and 1-Wire pin specifications are not
specified for operation above +125°C.
Note 2:
System requirement.
Note 3:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery
times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For
more heavily loaded systems, an active pullup such as that in the DS2480B can be required.
Note 4:
Capacitance on the data pin could be 800pF when VPUP is first applied. If a 2.2k
Ω resistor is used to pull up the data line
2.5µs after VPUP has been applied, the parasite capacitance does not affect normal communications.
Note 5:
VTL and VTH are a function of the internal supply voltage, which is a function of VPUP and the 1-Wire recovery times. The
VTH and VTL maximum specifications are valid at VPUPMAX (5.25V). In any case, VTL < VTH < VPUP.
Note 6:
Voltage below which, during a falling edge on I/O, a logic 0 is detected.
Note 7:
The voltage on I/O must be less than or equal to VILMAX whenever the master drives the line low.
Note 8:
Voltage above which, during a rising edge on I/O, a logic 1 is detected.
Note 9:
After VTH is crossed during a rising edge on I/O, the voltage on I/O must drop by VHY to be detected as logic 0.
Note 10: The I-V characteristic is linear for voltages less than 1V.
Note 11: The earliest recognition of a negative edge is possible at tREH after VTH has been previously reached.
Note 12: Numbers in bold are not in compliance with the published iButton standards. See the
Comparison Table.
Note 13: Interval during the negative edge on I/O at the beginning of a presence-detect pulse between the time at which the volt-
age is 90% of VPUP and the time at which the voltage is 10% of VPUP.
Note 14:
ε in Figure 13 represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF -
ε and tW0LMAX + tF - ε, respectively.
Note 15:
δ in Figure 13 represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to the input high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 16: To conserve battery power, use 8-bit temperature logging whenever possible.
Note 17: This number was derived from a test conducted by Cemagref in Antony, France, in July 2000:
www.cemagref.fr/English/index.htm Test Report No. E42.
Note 18: Includes +0.1°C/-0.2°C calibration chamber measurement uncertainty.
Note 19: Warning: Not for use as the sole method of measuring or tracking temperature in products and articles that could affect
the health or safety of persons, plants, animals, or other living organisms, including but not limited to foods, beverages,
pharmaceuticals, medications, blood and blood products, organs, and flammable and combustible products. User shall
assure that redundant (or other primary) methods of testing and determining the handling methods, quality, and fitness of
the articles and products should be implemented. Temperature tracking with this product, where the health or safety of
the aforementioned persons or things could be adversely affected, is only recommended when supplemental or redun-
dant information sources are used. Data-logger products are 100% tested and calibrated at time of manufacture by
Maxim to ensure that they meet all data sheet parameters, including temperature accuracy. User shall be responsible for
proper use and storage of this product. As with any sensor-based product, user shall also be responsible for occasionally
rechecking the temperature accuracy of the product to ensure it is still operating properly.
Note 20: Guaranteed by design and not production tested.
Note 21: Devices leave the factory after having been run through a few cycles above +125°C. This is required for calibration of the
device but should not affect lifetime of the device as specified. However, this process results in a nonzero value in the
Device Samples Counter register (0223h–0225h), which provides evidence the device has been factory calibrated.


Similar Part No. - DS1922E_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E-F5 MAXIM-DS1922E-F5 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E-F5# MAXIM-DS1922E-F5# Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922E-F5- MAXIM-DS1922E-F5- Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
More results

Similar Description - DS1922E_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
   iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com