Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339C-33 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1339C-33
Description  I2C Serial Real-Time Clock Trickle-Charge Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339C-33 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1339C-33 Datasheet HTML 6Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 7Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 8Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 9Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 10Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 11Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 12Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 13Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
10 of 20
Table 2. Crystal Specifications*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
50
k
Load Capacitance
CL
6
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks for additional specifications.
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between
the capacitive load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Additional
error is added by crystal frequency drift caused by temperature shifts. External circuit noise coupled into the
oscillator circuit may result in the clock running fast. Figure 4 shows a typical PC board layout for isolating the
crystal and oscillator from noise. Refer to Application Note 58: Crystal Considerations with Dallas Real-Time
Clocks for detailed information
DS1339C ONLY
The DS1339C integrates a standard 32,768Hz crystal in the package. Typical accuracy at nominal VCC and +25°C
is approximately 10ppm. Refer to Application Note 58 for information about crystal accuracy vs. temperature.
Figure 4. Typical PC Board Layout for Crystal
LOCAL GROUND PLANE (LAYER 2)
CRYSTAL
X1
X2
GND
NOTE: AVOID ROUTING SIGNALS IN
THE CROSSHATCHED AREA (UPPER
LEFT-HAND QUADRANT) OF THE
PACKAGE UNLESS THERE IS A
GROUND PLANE BETWEEN THE
SIGNAL LINE AND THE PACKAGE.


Similar Part No. - DS1339C-33

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339C-33 DALLAS-DS1339C-33 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-33 MAXIM-DS1339C-33 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339C-33 MAXIM-DS1339C-33 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339C-33++ DALLAS-DS1339C-33+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-33- MAXIM-DS1339C-33- Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339C-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com