Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1339
Description  I2C Serial Real-Time Clock Trickle-Charge Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1339_11 Datasheet HTML 2Page - Maxim Integrated Products DS1339_11 Datasheet HTML 3Page - Maxim Integrated Products DS1339_11 Datasheet HTML 4Page - Maxim Integrated Products DS1339_11 Datasheet HTML 5Page - Maxim Integrated Products DS1339_11 Datasheet HTML 6Page - Maxim Integrated Products DS1339_11 Datasheet HTML 7Page - Maxim Integrated Products DS1339_11 Datasheet HTML 8Page - Maxim Integrated Products DS1339_11 Datasheet HTML 9Page - Maxim Integrated Products DS1339_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
6 of 20
Figure 2. Timing Diagram
Figure 3. Block Diagram
ALARM,
TRICKLE
CHARGE, AND
CONTROL
REGISTERS
SERIAL BUS
INTERFACE AND
ADDRESS
REGISTER
CONTROL
LOGIC
1Hz
1Hz/4.096kHz/8.192kHz/32.768kHz
MUX/
BUFFER
USER BUFFER
(7 BYTES)
CLOCK AND
CALENDAR
REGISTERS
Power Control
X
1
C
L
C
L
X
2
DS1339
SQW/
INT
V
CC
V
BACKUP
SCL
SDA
GND
Oscillator
and
divider
"C" version only
N


Similar Part No. - DS1339_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339A MAXIM-DS1339A Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
DS1339AU MAXIM-DS1339AU Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
DS1339AU++ MAXIM-DS1339AU+ Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results

Similar Description - DS1339_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com