Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E10 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28E10
Description  1-Wire SHA-1 Authenticator Irreversible Write Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E10 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28E10_11 Datasheet HTML 1Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 2Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 3Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 4Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 5Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 6Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 7Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 8Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1-Wire SHA-1 Authenticator
2
ABRIDGED DATA SHEET
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
IO Voltage to GND .....................................................-0.5V, +7V
IO Sink Current...................................................................20mA
VCC Voltage to GND ..................................................-0.5V, +7V
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(TA = -40NC to +85NC, see Note 1.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC PIN
Supply Voltage
VCC
During nonprogramming state (Note 2)
2.8
3.6
V
Standby Current
ICCS
VCC = 3.6V
0.5
4.0
F
A
Operating Current
ICCO
VCC = 3.6V, reading (Note 3)
30
F
A
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 4)
2.8
3.6
V
1-Wire Pullup Resistance
RPUP
(Notes 4, 5)
0.3
2.2
kI
Input Capacitance
CIO
(Note 3)
50
pF
Input Load Current
IL
(IO pin at VPUP) (Note 3)
2
F
A
Input Low Voltage
VIL
(Notes 4, 6, 7)
0.3 O VCC
V
Input High Voltage
VIH
(Notes 3, 8)
0.7 O VCC
V
Switching Hysteresis
VHY
(Notes 3, 9)
0.05 O VCC
V
Output Low Voltage
VOL
At 4mA load (Note 10)
0.3
V
Recovery Time (Notes 4, 11)
tREC
Standard speed, RPUP = 2.2kI
5
F
s
Overdrive speed, RPUP = 2.2kI
2
Rising-Edge Hold-Off Time
(Notes 3, 12)
tREH
Standard speed
0.5
5
F
s
Overdrive speed
Not applicable (0)
Timeslot Duration (Notes 4, 13)
tSLOT
Standard speed
65
F
s
Overdrive speed
8
IO PIN: 1-Wire RESET, PRESENCE DETECT CYCLE
Reset Low Time (Note 4)
tRSTL
Standard speed
480
640
F
s
Overdrive speed
48
80
Presence-Detect High Time
tPDH
Standard speed
15
60
F
s
Overdrive speed
2
6
Presence-Detect Low Time
tPDL
Standard speed
60
240
F
s
Overdrive speed
8
24
Presence-Detect Sample Time
(Notes 4, 14)
tMSP
Standard speed
60
75
F
s
Overdrive speed
6
10
IO PIN: 1-Wire WRITE
Write-Zero Low Time
(Notes 4, 15)
tW0L
Standard speed
60
120
F
s
Overdrive Speed
6
16
Write-One Low Time
(Notes 4, 15)
tW1L
Standard speed
1
15
F
s
Overdrive speed
1
2


Similar Part No. - DS28E10_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10P++ MAXIM-DS28E10P+ Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E10P+T MAXIM-DS28E10P+T Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E10R+T MAXIM-DS28E10R+T Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
More results

Similar Description - DS28E10_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10 MAXIM-DS28E10 Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
   1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
   1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com