Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21367MDFD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F21367MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21367MDFD Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F21367MDFD Datasheet HTML 1Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 2Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 3Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 4Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 5Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 6Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 7Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 8Page - Renesas Technology Corp R5F21367MDFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
R8C/36M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 3 of 58
Mar 09, 2011
Note:
1. Specify the D version if D version functions are to be used.
Table 1.2
Specifications for R8C/36M Group (2)
Item
Function
Specification
Timer
Timer RE
8 bits × 1
Real-time clock mode (count seconds, minutes, hours, days of week), output
compare mode
Timer RF
16 bits × 1
Input capture mode (input capture circuit), output compare mode (output
compare circuit)
Timer RG
16 bits × 1 (with 2 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output 1 pin), phase counting mode (available automatic measurement for
the counts of 2-phase encoder)
Serial
Interface
UART0, UART1
Clock synchronous serial I/O/UART × 2 channel
UART2
Clock synchronous serial I/O, UART, I2C mode (I2C bus), multiprocessor
communication function
Synchronous Serial
Communication Unit (SSU)
1 (shared with I2C bus)
I2C bus
1 (shared with SSU)
LIN Module
Hardware LIN: 1 (timer RA, UART0)
A/D Converter
10-bit resolution × 12 channels, includes sample and hold function, with sweep
mode
D/A Converter
8-bit resolution × 2 circuits
Comparator A
• 2 circuits (shared with voltage monitor 1 and voltage monitor 2)
• External reference voltage input available
Comparator B
2 circuits
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance:10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• Background operation (BGO) function (data flash)
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 2.7 to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 to 5.5 V)
Current consumption
Typ. 7.0 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 3.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 4.0
µA (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz))
Typ. 2.0
µA (VCC = 3.0 V, stop mode)
Operating Ambient Temperature
−20 to 85°C (N version)
−40 to 85°C (D version) (1)
Package
64-pin LQFP
• Package code: PLQP0064KB-A (previous code: 64P6Q-A)
• Package code: PLQP0064GA-A (previous code: 64P6U-A)


Similar Part No. - R5F21367MDFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21367MDFA RENESAS-R5F21367MDFA Datasheet
579Kb / 61P
   RENESAS MCU
R5F21367MDFP RENESAS-R5F21367MDFP Datasheet
579Kb / 61P
   RENESAS MCU
More results

Similar Description - R5F21367MDFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
551Kb / 58P
   The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21386MNFP RENESAS-R5F21386MNFP Datasheet
577Kb / 58P
   The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
   The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com