Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK401-140 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK401-140
Description  AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-140 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK401-140 Datasheet HTML 1Page - Sanyo Semicon Device STK401-140 Datasheet HTML 2Page - Sanyo Semicon Device STK401-140 Datasheet HTML 3Page - Sanyo Semicon Device STK401-140 Datasheet HTML 4Page - Sanyo Semicon Device STK401-140 Datasheet HTML 5Page - Sanyo Semicon Device STK401-140 Datasheet HTML 6Page - Sanyo Semicon Device STK401-140 Datasheet HTML 7Page - Sanyo Semicon Device STK401-140 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK401-060
No. 4680—5/8
Series Configuration
Sample Designs using a Common PCB
1. VCC max1 (RL = 6Ω), VCC max2 (RL = 3 to 6Ω), VCC1 (RL = 6Ω), VCC2 (RL = 3Ω)
3-channel
amplifier type
Nos.
Rated
output
2-channel
amplifier type
Nos.
Rated
output
THD [%]
f = 20Hz to 20kHz
Supply voltage [V]1
VCCmax1
VCCmax2
VCC1VCC2
STK400-010
10W
× 3
STK401-010
10W
× 2
0.4
±26
±17.5
±14
STK400-020
15W
× 3
STK401-020
15W
× 2–
±29
±20
±16
STK400-030
20W
× 3
STK401-030
20W
× 2–
±34
±23
±19
STK400-040
25W
× 3
STK401-040
25W
× 2–
±36
±25
±21
STK400-050
30W
× 3
STK401-050
30W
× 2–
±39
±26
±22
STK400-060
35W
× 3
STK401-060
35W
× 2–
±41
±28
±23
STK400-070
40W
× 3
STK401-070
40W
× 2–
±44
±30
±24
STK400-080
45W
× 3
STK401-080
45W
× 2–
±45
±31
±25
STK400-090
50W
× 3
STK401-090
50W
× 2–
±47
±32
±26
STK400-100
60W
× 3
STK401-100
60W
× 2–
±51
±35
±27
STK400-110
70W
× 3
STK401-110
70W
× 2
±56.0
±38
STK401-120
80W
× 2
±61.0
±42
STK401-130
100W
× 2
±65.0
±45
STK401-140
120W
× 2
±74.0
±51


Similar Part No. - STK401-140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-140 SANYO-STK401-140 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-140 SANYO-STK401-140 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-140 SANYO-STK401-140 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-140 SANYO-STK401-140 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-140 SANYO-STK401-140 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Similar Description - STK401-140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com