Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA316E Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA316E
Description  STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA316E Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA316E Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SDA316A thru SDA316E
5 AMPS, 50 – 600 VOLTS
STANDARD RECOVERY
THREE PHASE BRIDGE RECTIFIER
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA316 __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Peak Inverse Voltage (per leg)
A = 50V, B = 100V, C = 200V,
D = 400V, E = 600V.
FEATURES:
Average Output Current 5 Amps @ 55°C
PIV 50 to 600 Volts Per Leg
Efficient Thermal Design
Insulated Electrical Connections
Hermetically Sealed
Aluminum Case
Available in Fast, Ultra Fast and Hyper Fast Versions
Available in Higher Voltages
TX, TXV, and S-Level Screening Available
SDA316A thru SDA316E 5/:
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25
°C.
4/ Recovery Conditions: I
F = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
5/ For Information on Curves, Contact Factory for Assistance.
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse
4/
Recovery
Time
Average DC Output
Current
TC=Case Temp
Average DC
Output Current
TA= Ambient
Temp
(no heat sink)
Peak
DC
Output
(1 Sec.
Max.)
Peak
Forward
Surge
Current
(1
Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @
3 ADC
Maximum
Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF(AV)
IF(AV)
IFSM
IFSM
IFRM
VF
IR
Units
Volts
Volts
μs
Amps
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
55
°C
100
°C 25°C 55°C
55
°C
25
°C 100°C
SDA316A
50
35
5
5.0
3.0
2.0
1.5
10
50
15
1.2
3
75
SDA316B
100
70
5
5.0
3.0
2.0
1.5
10
50
15
1.2
3
75
SDA316C
200
140
5
5.0
3.0
2.0
1.5
10
50
15
1.2
3
75
SDA316D
400
280
5
5.0
3.0
2.0
1.5
10
50
15
1.2
3
75
SDA316E
600
420
5
5.0
3.0
2.0
1.5
10
50
15
1.2
3
75
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0036A
DOC


Similar Part No. - SDA316E

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA316E SSDI-SDA316E Datasheet
178Kb / 2P
   5 AMP BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA316E

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0010 SSDI-RA0010_15 Datasheet
54Kb / 2P
   STANDARD RECOVERY THREE PHASE BRIDGE
logo
Microsemi Corporation
678 MICROSEMI-678_07 Datasheet
156Kb / 3P
   Three Phase Bridge Standard & Fast Recovery
logo
Solid States Devices, I...
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
   6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA138A SSDI-SDA138A_1 Datasheet
125Kb / 1P
   STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA117A SSDI-SDA117A_1 Datasheet
114Kb / 1P
   STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
SDA38AHF SSDI-SDA38AHF Datasheet
147Kb / 1P
   HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
   ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com