Part Name
         Description
R5F562T7EDFM

 100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC ( 94 Page)


RENESAS
100% 
Zoom Out Zoom In
 88 page
background image
R01DS0096EJ0100 Rev.1.00
Page 88 of 92
Apr 20, 2011
RX62T Group
Appendix 1. Package Dimensions
Appendix 1.
Package Dimensions
Figure A 112-Pin LQFP (PLQP0112JA-A) Package Dimensions
x
*1
*3
F
112
85
84
57
56
29
28
1
Index mark
y
ZD
HD
D
bp
Detail F
L
L1
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.10
e
0.65
c
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
21.8
22.0
22.2
21.8
22.0
22.2
A2
1.4
E
19.9
20.0
20.1
D
19.9
20.0
20.1
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.27
0.32
0.37
0.09 0.145 0.20
0.13
1.225
1.225
0.30
0.125
1.0
P-LQFP112-20x20-0.65
1.2g
MASS[Typ.]
FP-112E / FP-112EV
PLQP0112JA-A
RENESAS Code
JEITA Package Code
Previous Code
Terminal cross section
bp
b1
e



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl