Electronic Components Datasheet Search |
|
R5F2138AMDXXXFD Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
R5F2138AMDXXXFD Datasheet(HTML) 10 Page - Renesas Technology Corp |
10 / 58 page R8C/38M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0082EJ0110 Rev.0.10 Page 10 of 55 Mar 04, 2011 1.5 Pin Functions Tables 1.6 and 1.7 list Pin Functions. I: Input O: Output I/O: Input and output Note: 1. Refer to the oscillator manufacturer for oscillation characteristics. Table 1.6 Pin Functions (1) Item Pin Name I/O Type Description Power supply input VCC, VSS — Apply 1.8 to 5.5 V to the VCC pin. Apply 0 V to the VSS pin. Analog power supply input AVCC, AVSS — Power supply for the A/D converter. Connect a capacitor between AVCC and AVSS. Reset input RESET I Input “L” on this pin resets the MCU. MODE MODE I Connect this pin to VCC via a resistor. XIN clock input XIN I These pins are provided for XIN clock generation circuit I/O. Connect a ceramic resonator or a crystal oscillator between the XIN and XOUT pins. (1) To use an external clock, input it to the XOUT pin and leave the XIN pin open. XIN clock output XOUT I/O XCIN clock input XCIN I These pins are provided for XCIN clock generation circuit I/O. Connect a crystal oscillator between the XCIN and XCOUT pins. (1) To use an external clock, input it to the XCIN pin and leave the XCOUT pin open. XCIN clock output XCOUT O INT interrupt input INT0 to INT4 I INT interrupt input pins. Key input interrupt KI0 to KI3 I Key input interrupt input pins. Timer RA TRAIO I/O Timer RA I/O pin. TRAO O Timer RA output pin. Timer RB TRBO O Timer RB output pin. Timer RC TRCCLK I External clock input pin. TRCTRG I External trigger input pin. TRCIOA, TRCIOB, TRCIOC, TRCIOD I/O Timer RC I/O pins. Timer RD TRDIOA0, TRDIOA1, TRDIOB0, TRDIOB1, TRDIOC0, TRDIOC1, TRDIOD0, TRDIOD1 I/O Timer RD I/O pins. TRDCLK I External clock input pin. Timer RE TREO O Divided clock output pin. Timer RF TRFO00, TRFO10, TRFO01,TRFO11, TRFO02,TRFO12 O Timer RF output pins. TRFI I Timer RF input pin. Timer RG TRGIOA, TRGIOB I/O Timer RG I/O ports. TRGCLKA, TRGCLKB I External clock input pins. Serial interface CLK0, CLK1, CLK2 I/O Transfer clock I/O pins. RXD0, RXD1, RXD2 I Serial data input pins. TXD0, TXD1, TXD2 O Serial data output pins. CTS2 I Transmission control input pin. RTS2 O Reception control output pin. SCL2 I/O I2C mode clock I/O pin. SDA2 I/O I2C mode data I/O pin. |
Similar Part No. - R5F2138AMDXXXFD |
|
Similar Description - R5F2138AMDXXXFD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |