Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

65-11UTC-S933-TR8 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 65-11UTC-S933-TR8
Description  Mini TOP Views LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-11UTC-S933-TR8 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 65-11UTC-S933-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 65-11UTC-S933-TR8 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:56.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 8 of 11
Device No. :DSE-651-236
Date:22-Sep.-2006
Prepared by:Teresa Lee
65-11UTC/S933/TR8
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel.
+
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 65-11UTC-S933-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-11UWC-S731-TR8 EVERLIGHT-65-11UWC-S731-TR8 Datasheet
145Kb / 11P
   Mini TOP Views LEDs
65-11UWC/S731/TR8 EVERLIGHT-65-11UWC/S731/TR8 Datasheet
145Kb / 11P
   Mini TOP Views LEDs
More results

Similar Description - 65-11UTC-S933-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-11-T2C-FV1W2E-2T EVERLIGHT-65-11-T2C-FV1W2E-2T Datasheet
277Kb / 11P
   Mini Top Views LEDs
65-11UWC-S731-TR8 EVERLIGHT-65-11UWC-S731-TR8 Datasheet
145Kb / 11P
   Mini TOP Views LEDs
67-21-S2C-FQ2R2B-2T EVERLIGHT-67-21-S2C-FQ2R2B-2T Datasheet
164Kb / 10P
   TOP Views LEDs
67-22-R6G6C-B09-2T EVERLIGHT-67-22-R6G6C-B09-2T Datasheet
154Kb / 12P
   Top Views LEDs
67-21-S2C-FQ2R2B-2T EVERLIGHT-67-21-S2C-FQ2R2B-2T Datasheet
153Kb / 10P
   TOP Views LEDs
67-22-R6BHC-B07-2T EVERLIGHT-67-22-R6BHC-B07-2T Datasheet
228Kb / 11P
   Bi-Color (Multi-color) Top Views LEDs
65-21-S2SC-B2S1T1B7E8 EVERLIGHT-65-21-S2SC-B2S1T1B7E8 Datasheet
564Kb / 10P
   Mini Top LEDs
65-21-R7SC-A6Q2S1B0E8 EVERLIGHT-65-21-R7SC-A6Q2S1B0E8 Datasheet
579Kb / 10P
   Mini Top LEDs
65-21-Y2SC-A0R1S2B7E8 EVERLIGHT-65-21-Y2SC-A0R1S2B7E8 Datasheet
540Kb / 10P
   Mini Top LEDs
EAPL2214WA1-AM EVERLIGHT-EAPL2214WA1-AM Datasheet
418Kb / 10P
   Mini Top LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com