Part Name
         Description
R5F52105ADFM

 50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA ( 92 Page)


RENESAS
100% 
Zoom Out Zoom In
 75 page
background image
R01DS0041EJ0050 Rev.0.50
Page 75 of 90
Apr 15, 2011
RX210 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
○○○
0008 9020h
S12AD
A/D data register 0
ADDR0
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9022h
S12AD
A/D data register 1
ADDR1
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9024h
S12AD
A/D data register 2
ADDR2
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9026h
S12AD
A/D data register 3
ADDR3
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9028h
S12AD
A/D data register 4
ADDR4
16
16
2, 3 PCLKB
2 ICLK
○○ — 0008 902Ah
S12AD
A/D data register 5
ADDR5
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 902Ch
S12AD
A/D data register 6
ADDR6
16
16
2, 3 PCLKB
2 ICLK
○○ — 0008 902Eh
S12AD
A/D data register 7
ADDR7
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9030h
S12AD
A/D data register 8
ADDR8
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9032h
S12AD
A/D data register 9
ADDR9
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9034h
S12AD
A/D data register 10
ADDR10
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9036h
S12AD
A/D data register 11
ADDR11
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9038h
S12AD
A/D data register 12
ADDR12
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 903Ah
S12AD
A/D data register 13
ADDR13
16
16
2, 3 PCLKB
2 ICLK
○ — — 0008 903Ch
S12AD
A/D data register 14
ADDR14
16
16
2, 3 PCLKB
2 ICLK
○ — — 0008 903Eh
S12AD
A/D data register 15
ADDR15
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9060h
S12AD
A/D sampling state register 0
ADSSTR0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9061h
S12AD
A/D sampling state register L
ADSSTRL
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9066h
S12AD
A/D sample and hold circuit register
ADSHCR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 9070h
S12AD
A/D sampling state register T
ADSSTRT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9071h
S12AD
A/D sampling state register O
ADSSTRO
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9073h
S12AD
A/D sampling state register 1
ADSSTR1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9074h
S12AD
A/D sampling state register 2
ADSSTR2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9075h
S12AD
A/D sampling state register 3
ADSSTR3
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9076h
S12AD
A/D sampling state register 4
ADSSTR4
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 9077h
S12AD
A/D sampling state register 5
ADSSTR5
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 9078h
S12AD
A/D sampling state register 6
ADSSTR6
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 9079h
S12AD
A/D sampling state register 7
ADSSTR7
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 907Ah
S12AD
A/D disconnecting detection control register
ADDISCR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A000h
SCI0
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A001h
SCI0
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A002h
SCI0
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A003h
SCI0
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A004h
SCI0
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A005h
SCI0
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A006h
SCI0
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A007h
SCI0
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A008h
SCI0
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A009h
SCI0
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A00Ah
SCI0
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A00Bh
SCI0
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A00Ch
SCI0
I2C status register
SISR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 A00Dh
SCI0
SPI mode register
SPMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A020h
SCI1
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A021h
SCI1
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A022h
SCI1
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A023h
SCI1
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A024h
SCI1
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A025h
SCI1
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A026h
SCI1
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A027h
SCI1
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 A028h
SCI1
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (13 / 21)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK ICLK < PCLK



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl