Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK1560DPP-M0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK1560DPP-M0
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1560DPP-M0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK1560DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJK1560DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJK1560DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJK1560DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp RJK1560DPP-M0 Datasheet HTML 5Page - Renesas Technology Corp RJK1560DPP-M0 Datasheet HTML 6Page - Renesas Technology Corp RJK1560DPP-M0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK1560DPP-M0
Preliminary
R07DS0270EJ0100 Rev.1.00
Page 5 of 6
Mar 07, 2011
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 75 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
Ω
90%
10%
tf
Switching Time Test Circuit
Waveform
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m10 m
100 m1
10
PDM
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 4.38
°C/W, Tc = 25°C
θ
γ
θ
θ
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pu
lse
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width


Similar Part No. - RJK1560DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1562DJE RENESAS-RJK1562DJE Datasheet
237Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
RJK1562DJE-00-Z0 RENESAS-RJK1562DJE-00-Z0 Datasheet
237Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK1560DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com