Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12CM-16LH-1B00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR12CM-16LH-1B00
Description  Triac Medium Power Use The Product guaranteed maximum junction temperature 150?캜
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12CM-16LH-1B00 Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR12CM-16LH-1B00 Datasheet HTML 1Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 2Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 3Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 4Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 5Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 6Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 7Page - Renesas Technology Corp BCR12CM-16LH-1B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR12CM-16LH
Preliminary
R07DS0261EJ0100 Rev.1.00
Page 7 of 7
Mar 09, 2011
Package Dimensions
SC-46
2.0g
MASS[Typ.]
PRSS0004AA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
10.5Max
4.5
1.3
2.54
2.54
0.8
1.0
φ3.6
2.6
0.5
Package Name
TO-220
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR12CM-16LH#B00
Bag
100 pcs.
Straight type
BCR12CM-16LH-1#B00
Bag
100 pcs.
Straight type, IGT item:1
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR12CM-16LH-1B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12CM-16LH RENESAS-BCR12CM-16LH_15 Datasheet
148Kb / 9P
   800V - 12A - Triac Medium Power Use
More results

Similar Description - BCR12CM-16LH-1B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-12LB RENESAS-BCR16PM-12LB_15 Datasheet
108Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR5AS-12B RENESAS-BCR5AS-12B_15 Datasheet
154Kb / 10P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR30AM-12LB RENESAS-BCR30AM-12LB_15 Datasheet
134Kb / 10P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR12PM-12LB RENESAS-BCR12PM-12LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR3PM-12LB RENESAS-BCR3PM-12LB Datasheet
116Kb / 8P
   Triac Low Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR12PM-12LB RENESAS-BCR12PM-12LB Datasheet
111Kb / 8P
   Triac Medium Power Use(The product guaranteed maximum junction temperature of 150瑗낧)
BCR10PM-12LB RENESAS-BCR10PM-12LB Datasheet
111Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)
BCR16PM-12LB RENESAS-BCR16PM-12LB Datasheet
108Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com