Part Name
         Description
RNA51951B

 Voltage Detecting, System Resetting IC Series ( 10 Page)


RENESAS
100% 
Zoom Out Zoom In
 
 6 page
background image
RNA51951A, B
Preliminary
R03DS0003EJ0301 Rev.3.01
Page 6 of 9
Apr 19, 2011
Ambient Temperature Ta (°C)
–40
0
–20
20
40
80
60
100
VCC = 5 V
Circuit Current vs. Ambient Temperature
(RNA51951B)
700
0
300
200
100
500
400
600
Example of Application Circuit
Reset Circuit of RNA51951
RL
VCC
RNA51951x
RESET
Logic circuit
GND
GND
Power-
supply
Power-
supply
Output
Figure 1 Reset Circuit of RNA51951
Notes: 1. When the voltage is anything except 4.25 V, RNA51955, RNA51957, and RNA51958 are used. In this case,
the detecting supply voltage is 1.25
 (R
1 +R2)/R2 (V) approximately.
The detecting supply voltage can be set between 2 V and 15 V.
2. When the delay time is short, RNA51951 and RNA51955 are available. These ICs have a delay capacity
and the delay time is about 200
s.
If a longer delay time is necessary, RNA51953, RNA51957, and RNA51958 are used.
3. If the RNA5195xx and the logic circuit share a common power source, type A (built-in load type) can be
used whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When the reset terminal in the logic circuit is of the low reset type, RNA51951, RNA51953, RNA51955,
and RNA51957 are used and when the terminal is of the high reset type, RNA51958 are used.
6. When a negative supply voltage is used, the supply voltage side of RNA5195xx and the GND side are
connected to negative supply voltage respectively.



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl