Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562TABDFH Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F562TABDFH
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFH Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F562TABDFH Datasheet HTML 5Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 6Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 7Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 8Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 9Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 10Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 11Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 12Page - Renesas Technology Corp R5F562TABDFH Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 9 of 92
Apr 20, 2011
RX62T Group
1. Overview
Figure 1.1
How to Read the Product Part No.
Indicates the type of memory.
F: Flash memory version
R
5 F
5 6
2 T A
B D
F H
Indicates the package type, number of pins, and pin pitch.
FH: LQFP112-0.65
FP: LQFP100-0.50
FF: LQFP80-0.65
FM: LQFP64-0.50
Indicates the ROM capacity, RAM capacity, and data flash capacity.
A: 256 Kbytes/16 Kbytes/32 Kbytes
7: 128 Kbytes/8 Kbytes/8 Kbytes
6: 64 Kbytes/8 Kbytes/8 Kbytes
Indicates a group name.
2T: RX62T Group
Indicates a Renesas MCU.
Indicates a Renesas semiconductor product.
A: 5-V version, CAN
1 channel
B: 3-V version, CAN
1 channel
D: 5-V version, CAN not supported
E: 3-V version, CAN not supported
Indicates a series name (RX600 Series)


Similar Part No. - R5F562TABDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TABDFH RENESAS-R5F562TABDFH Datasheet
640Kb / 25P
   MCUs
More results

Similar Description - R5F562TABDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com