Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK402-040 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK402-040
Description  Two-Channel Class AB Audio Power Amplifier IC 40W 40W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-040 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK402-040 Datasheet HTML 1Page - Sanyo Semicon Device STK402-040 Datasheet HTML 2Page - Sanyo Semicon Device STK402-040 Datasheet HTML 3Page - Sanyo Semicon Device STK402-040 Datasheet HTML 4Page - Sanyo Semicon Device STK402-040 Datasheet HTML 5Page - Sanyo Semicon Device STK402-040 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
No. 7047-3/6
STK402-070
Internal Equivalent Circuit
TR4
TR1
TR6
R2
R7
R1
R3
R4
R6
C1
R5
TR3
TR2
1
4
2
13
7
12
5
6
TR5
TR7
TR8
D1
SUB
TR11
TR15
TR13
R14
R9
R13
R11
R12
R8
C2
R10
TR16
TR14
11
9
10
8
14
15
TR12
TR9
TR10
Sample Application Circuit
Ch.1
IN
Ch.1
NF
Pre
-VCC
Pre
+VCC
-VCC
+VCC
BIAS
Ch.2
+VE
Ch.2
NF
SUB
GND
Ch.2
IN
Ch.2
-VE
Ch.1
+VE
Ch.1
-VE
1
2
4
5
6
7
8
9
10
11
12
13
14
15
Ch.2 IN
-VCC
3pF
220pF 2.2
µF
1k
56k
100
3
µH
SUB
Ch.2 OUT
4.7
Ch.1 IN
+VCC
3pF
220pF
2.2
µF
1k
56k
100
3
µH
Ch.1 OUT
4.7
Ch.2
Ch.1


Similar Part No. - STK402-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-040 SANYO-STK402-040 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-040 SANYO-STK402-040 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
More results

Similar Description - STK402-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
logo
Monolithic Power System...
EV7782DF-01A MPS-EV7782DF-01A Datasheet
370Kb / 6P
   40W Class D Stereo Bridged Audio Amplifier
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
logo
STMicroelectronics
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK4174MK2 SANYO-STK4174MK2 Datasheet
283Kb / 7P
   2 CHANNEL 40W POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com