Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562T7ADFH Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F562T7ADFH
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7ADFH Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F562T7ADFH Datasheet HTML 6Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 7Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 8Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 9Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 10Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 11Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 12Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 13Page - Renesas Technology Corp R5F562T7ADFH Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 10 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
ROM
RAM
RX CPU
DTC
POR
ICU
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port D
Port E
Clock
generation
circuit
RIIC
10-bit A/D converter
 12 channels
RSPI
IWDT
SCI
 3 channels
MTU3
Port G
CRC
CAN (as an optional function)
POE3
CMT
 2 channels (unit 0)
LIN
Notes:
1. The installation of the 10-bit A/D converter and ports 1 to G is different depending on the package.
2. For details on the internal peripheral bus configuration, see section 12, Buses in the User's Manual: Hardware.
12-bit A/D converter
 4 channels (unit 0)
Programmable gain amps
 3 channels
Sample-and-hold circuits
for the pin section
 3 channels
Window comparator
 3 channels
WDT
Data flash
LVD
CAN: CAN module
LIN:
LIN module
RSPI: Renesas serial peripheral interface
LVD: Voltage detection circuit
ICU:
Interrupt control unit
WDT: Watchdog timer
IWDT: Independent watchdog timer
CRC: CRC (cyclic redundancy check) calculator
[Legend]
POR:
Power-on reset circuit
DTC:
Data transfer controller
MTU3: Multi-function timer pulse unit 3
POE3: Port output enable 3
GPT:
General PWM timer
CMT:
Compare match timer
SCI:
Serial communications interface
RIIC:
I
2C bus interface
GPT
12-bit A/D converter
 4 channels (unit 1)
Programmable gain amps
 3 channels
Sample-and-hold circuits
for the pin section
 3 channels
Window comparator
 3 channels
CMT
 2 channels (unit 1)
*
1
*
1


Similar Part No. - R5F562T7ADFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7ADFH RENESAS-R5F562T7ADFH Datasheet
640Kb / 25P
   MCUs
More results

Similar Description - R5F562T7ADFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com