Part Name
         Description
R5F562T7ADFH

 100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC ( 94 Page)


RENESAS
100% 
Zoom Out Zoom In
 80 page
background image
R01DS0096EJ0100 Rev.1.00
Page 80 of 92
Apr 20, 2011
RX62T Group
5. Electrical Characteristics
Table 5.15
Programmable Gain Amp Characteristics
Note:Items for which test conditions are not specifically stated in the table below have the same values under conditions 1 to 3.
Condition 1: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 3.0 to 3.6 V, VREFH0 = 3.0 V to AVCC0, VREF = 3.0 V to AVCC
Condition 2: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Condition 3: VCC = PLLVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Ta = -40 to +85°C. Ta is the same under conditions 1 to 3.
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Analog input capacitance
Cin
-
-
6
pF
Input offset voltage
Voff
-
-
8
mV
Input voltage
range (Vin)
Gain
 2.000
Vin
0.050 x AVcc
-
0.38 x AVcc
V
Gain
 2.500
0.047 x AVcc
-
0.30 x AVcc
Gain
 3.077
0.045 x AVcc
-
0.24 x AVcc
Gain
 3.636
0.042 x AVcc
-
0.21 x AVcc
Gain
 4.000
0.040 x AVcc
-
0.19 x AVcc
Gain
 4.444
0.036 x AVcc
-
0.17 x AVcc
Gain
 5.000
0.033 x AVcc
-
0.15 x AVcc
Gain
 5.714
0.031 x AVcc
-
0.13 x AVcc
Gain
 6.667
0.029 x AVcc
-
0.11 x AVcc
Gain
 10.000
0.025 x AVcc
-
0.08 x AVcc
Gain
 13.333
0.023 x AVcc
-
0.06 x AVcc
Slew rate
SR
10
-
-
V/
s
Gain error
Gain
 2.000
-
-
-
1
%
Gain
 2.500
-
-
1
Gain
 3.077
-
-
1
Gain
 3.636
-
-
1.5
Gain
 4.000
-
-
1.5
Gain
 4.444
-
-
2
Gain
 5.000
-
-
2
Gain
 5.714
-
-
2
Gain
 6.667
-
-
3
Gain
 10.000
-
-
4
Gain
 13.333
-
-
4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl