Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52108ADFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F52108ADFP
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F52108ADFP Datasheet HTML 1Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 2Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 3Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 4Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F52108ADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 4 of 90
Apr 15, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Communication
function
Serial communications
interfaces (SCIc, SCId)
 7 channels (channel 0, 1, 5, 6, 8, 9: SCIc, channel 12: SCId)
 Serial communications modes:
Asynchronous, clock synchronous, and smart-card interface
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Average transfer rate clock can be input from TMR timers (SCL5, SCL6, and SCL12)
 Simple IIC
 Simple SPI
 Master/slave mode supported (SCId only)
 Start frame and information frame are included (SCId only)
I2C bus interface (RIIC)
 1 channel
 Communications formats:
I2C bus format/SMBus format
 Master/slave selectable
 Supports the first mode
Serial peripheral
interface (RSPI)
 1 channel
 RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPI
clock (RSPCK) signals enables serial transfer through SPI operation (four lines) or clock-
synchronous operation (three lines)
 Capable of handling serial transfer as a master or slave
 Data formats
 Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to any number of bits from 8 to 16, 20, 24, or 32
bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
 Double buffers for both transmission and reception
12-bit A/D converter
 12 bits (16 channels x 1 unit)
 12-bit resolution
 Conversion time: 1.0 s per channel (in operation with ADCLK at 50 MHz)
 Operating modes
Scan mode (single-cycle scan mode, continuous scan mode, and group scan mode)
 Sample-and-hold function
 Self-diagnosis for the A/D converter
 Assistance in detecting disconnected analog inputs
 Double-trigger mode (duplexing of A/D-converted data)
 A/D conversion start conditions
Conversion can be started by software, a conversion start trigger from a timer (MTU2), an external
trigger signal, or ELC.
Temperature sensor
 Outputs the voltage that changes depending on the temperature
 PGA gain switchable: Four levels according to the voltage range
D/A converter
 2 channels
 10-bit resolution
 Output voltage: 0 V to VREFH
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
 Generation of CRC codes for use with LSB-first or MSB-first communications is selectable.
Comparator A
 2 channels
 Comparison of reference voltage and analog input voltage
Comparator B
 2 channels
 Comparison of reference voltage and analog input voltage
Power supply voltage/ Operating frequency
VCC = 1.62 to 5.5 V: 20 MHz (TBD),
VCC = 2.7 to 5.5 V: 50 MHz
Supply current
TBD mA (typ.)
Operating temperature
40 to +85C
Package
100-pin TFLGA (PTLG0100JA-A)
100-pin LQFP (PLQP0100KB-A)
80-pin LQFP (PLQP0080KB-A)
80-pin LQFP (PLQP0080JA-A)
64-pin LQFP (PLQP0064KB-A)
64-pin LQFP (PLQP0064GA-A)
Table 1.1
Outline of Specifications (3 / 3)
Classification
Module/Function
Description


Similar Part No. - R5F52108ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
1Mb / 146P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP#V0 RENESAS-R5F52108ADFP#V0 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
More results

Similar Description - R5F52108ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com