Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F363A6NFA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F363A6NFA
Description  This MCU consumes low power, and supports operating modes
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363A6NFA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F363A6NFA Datasheet HTML 2Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 3Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 4Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 5Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 6Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 7Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 8Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 9Page - Renesas Technology Corp R5F363A6NFA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
R01DS0033EJ0200 Rev.2.00
Page 6 of 115
Feb 07, 2011
M16C/63 Group
1. Overview
1.3
Product List
Table 1.5 lists product information. Figure 1.1 shows the Part No., with Memory Size and Package, and
Figure 1.2 and Figure 1.3 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
PTLG0100KA-A: 100F0M
PLQP0080KB-A: 80P6Q-A
Table 1.5
Product List
As of February, 2011
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F363A6NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F363A6NFB
PLQP0100KB-A
R5F363A6NLG
PTLG0100KA-A
R5F363B6NFE
PLQP0080KB-A
R5F363A6DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363A6DFB
PLQP0100KB-A
R5F363B6DFE
PLQP0080KB-A
R5F363AENFA
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F363AENFB
PLQP0100KB-A
R5F363AENLG
PTLG0100KA-A
R5F363BENFE
PLQP0080KB-A
R5F363AEDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363AEDFB
PLQP0100KB-A
R5F363BEDFE
PLQP0080KB-A
R5F363AKNFA
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F363AKNFB
PLQP0100KB-A
R5F363AKNLG
PTLG0100KA-A
R5F363AKDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363AKDFB
PLQP0100KB-A
R5F363AMNFA
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F363AMNFB
PLQP0100KB-A
R5F363AMNLG
PTLG0100KA-A
R5F363AMDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363AMDFB
PLQP0100KB-A


Similar Part No. - R5F363A6NFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F363A6NFA RENESAS-R5F363A6NFA Datasheet
2Mb / 115P
   RENESAS MCU
R5F363A6NFA RENESAS-R5F363A6NFA Datasheet
1Mb / 119P
   RENESAS MCU
More results

Similar Description - R5F363A6NFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
   This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
   This MCU consumes low power, and supports operating modes
R5F36CAMNFA RENESAS-R5F36CAMNFA_11 Datasheet
769Kb / 99P
   This MCU consumes low power, and supports operating modes that allow additional
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
   Implements Reduced Power Operating Modes
07/14/15
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
   Flexible Operating Modes
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
   Operating supply modes
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
   low-power modes
April 2009 Rev 2
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
   STR75x low power modes
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
   Using STM32F4 MCU power modes with best dynamic efficiency
LSM330 STMICROELECTRONICS-LSM330 Datasheet
1Mb / 75P
   Power-down and sleep modes
December 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com