Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK402-020 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK402-020
Description  Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-020 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK402-020 Datasheet HTML 1Page - Sanyo Semicon Device STK402-020 Datasheet HTML 2Page - Sanyo Semicon Device STK402-020 Datasheet HTML 3Page - Sanyo Semicon Device STK402-020 Datasheet HTML 4Page - Sanyo Semicon Device STK402-020 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS No. 7061-5/5
STK402-030
Pd -- PO
Output power, PO / ch -- W
ITF02141
0
1.0
0.1
50
40
30
20
10
2
3
5
7
2
3
5
7
10
2
3
5
7 100
THD -- PO
ITF02142
0.001
1.0
0.1
0.01
7
5
3
2
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
2
3
5
7
2
3
5
7
10
2
3
5
7 100
Tc = 25
°C
VCC = ±22 V
VG = 30 dB
RL = 6 Ω
Rg = 600
20 kHz
20 Hz
1 kHz
PO -- f
ITF02144
1k
10
100
50
40
30
20
10
0
2 3
5 7
2 3
5 7
2 3
5 7
2 3
5 7
10k
100k
RL = 6 Ω, VCC = ± 22V, THD = 10%
RL = 6 Ω, VCC = ± 22 V, THD = 0.4%
Tc = 25
°C
VG = 30 dB
Rg = 600
RL = 6 Ω
f = 1kHz
Rg = 600
2ch drive
VCC = ±22 V
VCC -- VN
ITF02146
--120
--130
--110
--100
--90
--80
--70
--60
--50
--40
--30
--20
--10
0
20
25
30
5
0
10
15
35
40
Tc = 25
°C
No loaded
Supply voltage, ±VCC -- V
Frequency, f - Hz
Output power, PO -- W
This catalog provides information as of December, 2002. Specifications and information herein are
subject to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.


Similar Part No. - STK402-020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-020 SANYO-STK402-020 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK402-020 SANYO-STK402-020 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
More results

Similar Description - STK402-020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
   Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com