Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH90N60B3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH90N60B3
Description  GenX3 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH90N60B3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH90N60B3 Datasheet HTML 1Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 2Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 3Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 4Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 5Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH90N60B3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 60A, V
CE = 10V, Note 1
55
90
S
C
ies
8285
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
525
pF
C
res
140
pF
Q
g
172
nC
Q
ge
I
C
= 90A, V
GE = 15V, VCE = 0.5 • VCES
28
nC
Q
gc
63
nC
t
d(on)
31
ns
t
ri
47
ns
E
on
1.32
mJ
t
d(off)
150
ns
t
fi
148
250
ns
E
off
1.37
2.40
mJ
t
d(on)
29
ns
t
ri
43
ns
E
on
1.93
mJ
t
d(off)
220
ns
t
fi
253
ns
E
off
2.80
mJ
R
thJC
0.19
°C/W
R
thCS
0.21
°C/W
Inductive load, T
J = 25°
°°°°C
I
C = 60A, VGE = 15V
V
CE = 480V, RG = 2Ω
Inductive load, T
J = 125°
°°°°C
I
C = 60A,VGE = 15V
V
CE = 480V,RG = 2Ω
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
e
∅ P
TO-247 AD Outline


Similar Part No. - IXGH90N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
logo
Inchange Semiconductor ...
IXGH90N60B3 ISC-IXGH90N60B3 Datasheet
328Kb / 3P
   IGBT
More results

Similar Description - IXGH90N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
   GenX3 600V IGBT
IXGL200N60B3 IXYS-IXGL200N60B3 Datasheet
217Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH72N60C3 IXYS-IXGH72N60C3 Datasheet
172Kb / 6P
   GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
   GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com