Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH72N60B3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGH72N60B3
Description  GenX3 B3-Class IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH72N60B3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGH72N60B3 Datasheet HTML 1Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 2Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 3Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 4Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 5Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGH72N60B3
IXGT72N60B3
Fig. 1. Output Characteristics
@ 25ºC
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
30
60
90
120
150
180
210
240
270
300
330
0
1
23
45
6
7
8
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 3. Output Characteristics
@ 125ºC
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VCE - Volts
VGE = 15V
13V
11V
9V
7V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 120A
I C = 60A
I C = 30A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
56
78
9
10
11
12
13
14
15
VGE - Volts
I C = 120A
60A
30A
TJ = 25ºC
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC


Similar Part No. - IXGH72N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH72N60B3 IXYS-IXGH72N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGH72N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK120N60A3 IXYS-IXGK120N60A3 Datasheet
219Kb / 6P
   GenX3 A3-Class IGBTS
IXGK120N120A3 IXYS-IXGK120N120A3 Datasheet
222Kb / 6P
   GenX3 A3-Class IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com