Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2M134BDFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F2M134BDFP
Description  The R8C/M13B Group of single-chip microcontrollers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M134BDFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F2M134BDFP Datasheet HTML 1Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 2Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 3Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 4Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 5Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 6Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 7Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 8Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
R8C/M13B Group
1. Overview
R01DS0005EJ0100 Rev.1.00
Page 3 of 48
Mar 14, 2011
Note:
1. Specify the D version if its functions are to be used.
Table 1.2
Specifications (2)
Item
Function
Description
IrDA interface
1 channel (UART0 and UART1 can be switched)
A/D converter
• Resolution: 10 bits × 8 channels
• Sample and hold function, sweep mode
Comparator B
2 circuits
Flash memory
• Program/erase voltage for program ROM: VCC = 1.8 V to 5.5 V
• Program/erase voltage for data flash: VCC = 1.8 V to 5.5 V
• Program/erase endurance:10,000 times (data flash)
10,000 times (program ROM)
• Program security: ID code check, protection enabled by lock bit
• Debug functions: On-chip debug, on-board flash rewrite function
Operating frequency/
Power supply voltage
f(XIN) = 20 MHz (VCC = 2.7 V to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 V to 5.5 V)
Temperature range
-20
°C to 85 °C (N version)
-40
°C to 85 °C (D version) (1)
Package
32-pin LQFP: [Package code] PLQP0032GB-A


Similar Part No. - R5F2M134BDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2M110ADSP RENESAS-R5F2M110ADSP Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M110ANDD RENESAS-R5F2M110ANDD Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M110ANSP RENESAS-R5F2M110ANSP Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M111ADSP RENESAS-R5F2M111ADSP Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M111ANDD RENESAS-R5F2M111ANDD Datasheet
624Kb / 48P
   RENESAS MCU
More results

Similar Description - R5F2M134BDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-26 RENESAS-R8C-26_1 Datasheet
4Mb / 485P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R8C-28 RENESAS-R8C-28_1 Datasheet
4Mb / 471P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com