Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH40N60C2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH40N60C2
Description  C2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60C2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH40N60C2 Datasheet HTML 1Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 2Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 3Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 4Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 40N60C2
IXGT 40N60C2
Fig. 12. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
C E - Volts
Cies
Coes
Cres
f = 1M Hz
Fig. 11. Gate Charge
0
3
6
9
12
15
0
20406080
100
Q
G - nanoCoulombs
V
C E = 300V
I C= 30A
I
G= 10m A
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
0
306090
120
150
180
I
C - A mperes
TJ = -40º C
25
º C
125
ºC
Fig. 8. Dependence of Eoff on RG
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
24
68
10121416
R
G - Ohms
I C= 45A
I C= 15A
TJ = 125º C
VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 10. Dependence of Eoff on Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
25
50
75
100
125
T
J - Degrees Centigrade
I
C = 60A
V
GE = 15V
V
C E = 400V
R
G = 3 Ohm s
RG= 10 Ohms - - - - -
I C = 45A
I
C = 30A
I
C = 15A
Fig. 9. Dependence of Eoff on IC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
10
20
30
40
50
60
I
C - Amperes
R
G = 3 Ohms
RG= 10 Ohms - - - - -
VGE = 15V
V
C E = 400V
T
J = 125ºC
T
J = 25ºC


Similar Part No. - IXGH40N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60C2D1 IXYS-IXGH40N60C2D1 Datasheet
175Kb / 6P
   HiPerFASTTM IGBTs w/ Diode
More results

Similar Description - IXGH40N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
   HiPerFAST IGBTs C2-Class High Speed
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
   HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
   HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGR40N60C2 IXYS-IXGR40N60C2 Datasheet
183Kb / 6P
   HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
   HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGR40N60B2 IXYS-IXGR40N60B2 Datasheet
502Kb / 6P
   C2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2 Datasheet
527Kb / 2P
   HiPerFASTTM IGBT C2-Class High Speed IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com