Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH40N60C2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH40N60C2
Description  C2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60C2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH40N60C2 Datasheet HTML 1Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 2Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 3Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 4Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE
= V
CES
T
J = 25°C50
μA
V
GE
= 0 V
T
J = 150°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= 30 A, V
GE = 15 V
T
J = 25°C
2.2
2.7
V
T
J = 150°C
2.0
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C (limited by leads)
75
A
I
C110
T
C = 110°C40
A
I
CM
T
C
= 25
°C, 1 ms
200
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 80
A
(RBSOA)
Clamped inductive load @
≤ 600 V
P
C
T
C
= 25
°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Plastic body
200
°C
M
d
Mounting torque (M3)
1.13/10Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
DS99042C(10/05)
TO-268 (IXGT)
C (TAB)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
C
E
TO-247 (IXGH)
E
C (TAB)
Features
Very high frequency IGBT
Square RBSOA
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
High power density
Very fast switching speeds for high
frequency applications
V
CES
= 600 V
I
C25
=
75 A
V
CE(sat)
= 2.7 V
t
fi typ
=
32 ns
HiPerFASTTM IGBT
C2-Class High Speed IGBTs
G
IXGH 40N60C2
IXGT 40N60C2


Similar Part No. - IXGH40N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60C2D1 IXYS-IXGH40N60C2D1 Datasheet
175Kb / 6P
   HiPerFASTTM IGBTs w/ Diode
More results

Similar Description - IXGH40N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
   HiPerFAST IGBTs C2-Class High Speed
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
   HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
   HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGR40N60C2 IXYS-IXGR40N60C2 Datasheet
183Kb / 6P
   HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
   HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGR40N60B2 IXYS-IXGR40N60B2 Datasheet
502Kb / 6P
   C2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2 Datasheet
527Kb / 2P
   HiPerFASTTM IGBT C2-Class High Speed IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com