Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27-21-Y2C-CPQB-3D Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 27-21-Y2C-CPQB-3D
Description  Chip LED with Right Angle Resin
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

27-21-Y2C-CPQB-3D Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 27-21-Y2C-CPQB-3D Datasheet HTML 2Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 3Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 4Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 5Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 6Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 7Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 8Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 9Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:12.0
EVERLIGHT ELECTRONICS CO.,LTD.
27-21/Y2C-CPQB/3D
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 6 of 10
Device No:SZDSE-271-Y13
Prepared date: 24-Jun-2007
Prepared by: CaiXiangMei
xxxxxx
xxxxxx
xxxxxxxxxxxx
xxxx
xxxxxxxx
RoHS
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm


Similar Part No. - 27-21-Y2C-CPQB-3D

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
27-21-Y2C-CPQB-3D TO-GRACE-27-21-Y2C-CPQB-3D Datasheet
1,009Kb / 10P
   Chip LED with Right Angle Resin
More results

Similar Description - 27-21-Y2C-CPQB-3D

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21-T3D-AP2Q2HY-3C EVERLIGHT-27-21-T3D-AP2Q2HY-3C Datasheet
245Kb / 12P
   Chip LED with Right Angle Resin
27-21-W1D-APQHY-3C EVERLIGHT-27-21-W1D-APQHY-3C Datasheet
234Kb / 12P
   Chip LED with Right Angle Resin
27-21-T1D-ANQHY-3C EVERLIGHT-27-21-T1D-ANQHY-3C Datasheet
155Kb / 12P
   Chip LED with Right Angle Resin
logo
HK TO-GRACE TECHNOLOGY ...
27-21-T1D-ANPHY-3C TO-GRACE-27-21-T1D-ANPHY-3C Datasheet
913Kb / 12P
   Chip LED with Right Angle Resin
logo
Everlight Electronics C...
27-21-T1D-ANPHY-3C EVERLIGHT-27-21-T1D-ANPHY-3C Datasheet
245Kb / 12P
   Chip LED with Right Angle Resin
logo
HK TO-GRACE TECHNOLOGY ...
27-21-T1D-CQ1R2NW-3C TO-GRACE-27-21-T1D-CQ1R2NW-3C Datasheet
1Mb / 12P
   Chip LED with Right Angle Resin
27-21-T3D-AP2Q2HY-3C TO-GRACE-27-21-T3D-AP2Q2HY-3C Datasheet
909Kb / 12P
   Chip LED with Right Angle Resin
27-21-W1D-APQHY-3C TO-GRACE-27-21-W1D-APQHY-3C Datasheet
902Kb / 12P
   Chip LED with Right Angle Resin
logo
Everlight Electronics C...
27-21-GHC-YR2T1 EVERLIGHT-27-21-GHC-YR2T1 Datasheet
152Kb / 10P
   Chip LED with Right Angle Resin
logo
HK TO-GRACE TECHNOLOGY ...
27-21-Y2C-CPQB-3D TO-GRACE-27-21-Y2C-CPQB-3D Datasheet
1,009Kb / 10P
   Chip LED with Right Angle Resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com