Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK400-230 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK400-230
Description  AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-230 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK400-230 Datasheet HTML 1Page - Sanyo Semicon Device STK400-230 Datasheet HTML 2Page - Sanyo Semicon Device STK400-230 Datasheet HTML 3Page - Sanyo Semicon Device STK400-230 Datasheet HTML 4Page - Sanyo Semicon Device STK400-230 Datasheet HTML 5Page - Sanyo Semicon Device STK400-230 Datasheet HTML 6Page - Sanyo Semicon Device STK400-230 Datasheet HTML 7Page - Sanyo Semicon Device STK400-230 Datasheet HTML 8Page - Sanyo Semicon Device STK400-230 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
Now, thick-film audio power amplifier ICs are available
with pin-compatibility to permit a single PCB to be
designed and amplifier output capacity changed simply by
installing a hybrid IC. This new series was developed
with this kind of pin-compatibility to ensure integration
between systems everywhere. With this new series of ICs,
even changes from 3-channel amplifier to 2-channel
amplifiers is possible using the same PCB. In addition,
this new series of ICs has a 6/3
Ω drive in order to support
the low impedance of modern speakers.
Features
• Pin-compatible
STK400-000 series (3-channel, single package)
STK401-000 series (2-channel, single package)
• Output load impedance RL=6Ω/3Ω supported
• New pin assignment
To simplify input/output pattern layout and minimize the
effects of pattern layout on operational characteristics,
pin assignments are grouped into blocks consisting of
input, output and power systems.
• Few external circuits
Compared to those series used until now, capacitors and
bootstrap resistors for external circuits can be greatly
reduced.
Package Dimensions
unit: mm
4086A
Thick Film Hybrid IC
D3096HA(OT)/83194TH (OT) 5-3392 No. 4822-1/10
[STK400-290]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
AF Power Amplifier (Split Power Supply)
(50 W + 50 W + 50W min, THD = 0.08%)
STK400-290
Ordering number : EN4822A


Similar Part No. - STK400-230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-230 SANYO-STK400-230 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-230 SANYO-STK400-230 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-230 SANYO-STK400-230 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-230 SANYO-STK400-230 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-230 SANYO-STK400-230 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK400-230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK400-090 SANYO-STK400-090 Datasheet
265Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com