Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK401-060 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK401-060
Description  AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-060 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK401-060 Datasheet HTML 1Page - Sanyo Semicon Device STK401-060 Datasheet HTML 2Page - Sanyo Semicon Device STK401-060 Datasheet HTML 3Page - Sanyo Semicon Device STK401-060 Datasheet HTML 4Page - Sanyo Semicon Device STK401-060 Datasheet HTML 5Page - Sanyo Semicon Device STK401-060 Datasheet HTML 6Page - Sanyo Semicon Device STK401-060 Datasheet HTML 7Page - Sanyo Semicon Device STK401-060 Datasheet HTML 8Page - Sanyo Semicon Device STK401-060 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 4340-2/9
STK400-050
Specifications
Maximum Ratings at Ta = 25°C
Notes
• Use rated power supply for test unless otherwise specified.
• When measuring available time for load short-circuit and output noise voltage use transformer power supply indicated
below.
• Output noise voltage is represented by the peak value rms (VTVM) for mean reading. Use an AC stabilized power
supply (50 Hz) on the primary side to eliminate the effect of AC flicker noise.
Internal Equivalent Circuit
Specified Transformer Power Supply
(RP-25 Equivalent)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±39
V
Thermal resistance
θj-c
Per power transistor
1.8
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature range
Tstg
–30 to +125
°C
Available time for load short-circuit
ts
VCC = ±26 V, RL = 6 Ω, f = 50 Hz, PO = 30 W
1
s
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
VCC =± 31 V
30
90
150
mA
Output power
PO (1)
VCC = ±26 V, f = 20 Hz to 20 kHz, THD = 0.4%
30
35
W
PO (2)
VCC = ±22 V, f = 1 kHz, THD = 1.0%, RL = 3 Ω
30
35
W
Total harmonic distortion
THD (1)
VCC = ±26 V, f = 20 Hz to 20 kHz, PO = 1.0 W
0.4
%
THD (2)
VCC = ±26 V, f = 1 kHz, PO = 5.0 W
0.01
%
Frequency response
fL, fH
VCC = ±26 V, PO = 1.0 W,
dB
20 to 50 k
Hz
Input impedance
ri
VCC = ±26 V, f = 1 kHz, PO = 1.0 W
55
k
Output noise voltage
VNO
VCC = ±31 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±31 V
–70
0
+70
mV
+0
–3
Operating Characteristics at Ta = 25°C, RL = 6Ω, Rg = 600Ω, VG = 40dB, RL (non-inductive)


Similar Part No. - STK401-060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-060 SANYO-STK401-060 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-060 SANYO-STK401-060 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-060 SANYO-STK401-060 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-060 SANYO-STK401-060 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK401-060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-050 SANYO-STK401-050 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
STK4028II SANYO-STK4028II Datasheet
113Kb / 4P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.4%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com