Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMK-BJS-CR14Q3S2 Datasheet(PDF) 2 Page - Cree, Inc

Part # C4SMK-BJS-CR14Q3S2
Description  4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMK-BJS-CR14Q3S2 Datasheet(HTML) 2 Page - Cree, Inc

  C4SMK-BJS-CR14Q3S2 Datasheet HTML 1Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 2Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 3Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 4Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 5Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 6Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 7Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 8Page - Cree, Inc C4SMK-BJS-CR14Q3S2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT1114.000
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreelogoareregisteredtrademarksofCree,Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red
Blue and Green
Forward Current
I
F
50 Note1
35
mA
Peak Forward Current Note2
I
FP
200
100
mA
Reverse Voltage
V
R
5
5
V
Power Dissipation
P
D
130
140
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max.260°Cfor3sec.max.
(3mmfromthebaseoftheepoxybulb)
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note:
1. Forlong-termperformance,thedrivecurrentsbetween10mAand30mAarerecommended.Pleasecontacta
Creesalesrepresentativeformoreinformationonrecommendeddriveconditions.
2. Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red
V
F
I
F = 20 mA
V
2.0
2.6
Green
V
F
I
F = 20 mA
V
3.4
4.0
Blue
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
Red
I
R
V
R = 5 V
μA
100
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 20 mA
nm
619
621
624
Green
λ
D
I
F = 20 mA
nm
520
527
535
Blue
λ
D
I
F = 20 mA
nm
460
470
475
Luminous Intensity
C4SMK- Red
I
V
I
F = 20 mA
mcd
550
1300
C4SMJ - Red
I
V
I
F = 20 mA
mcd
390
800
Green
I
V
I
F = 20 mA
mcd
1100
2900
Blue
I
V
I
F = 20 mA
mcd
390
780


Similar Part No. - C4SMK-BJS-CR14Q3S2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C4SMK-BJS-CR14Q3S2 MARKTECH-C4SMK-BJS-CR14Q3S2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
More results

Similar Description - C4SMK-BJS-CR14Q3S2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO494PPG4-B0G-A3 CREE-LO494PPG4-B0G-A3 Datasheet
336Kb / 5P
   4-mm Oval LED
LO494THR4-B0G-A2 CREE-LO494THR4-B0G-A2 Datasheet
333Kb / 5P
   4-mm Oval LED
LO494PBL4-B0G-A3 CREE-LO494PBL4-B0G-A3 Datasheet
336Kb / 5P
   4-mm Oval LED
LO494TYL4-B0G-A2 CREE-LO494TYL4-B0G-A2 Datasheet
336Kb / 5P
   4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGY CREE-C4SMB-RGY Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY CREE-S4SMS-RJY Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com