Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP41B-WGS-CM0P0134 Datasheet(PDF) 2 Page - Cree, Inc

Part # CP41B-WGS-CM0P0134
Description  P4 LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-WGS-CM0P0134 Datasheet(HTML) 2 Page - Cree, Inc

  CP41B-WGS-CM0P0134 Datasheet HTML 1Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 2Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 3Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 4Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 5Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 6Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 7Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 8Page - Cree, Inc CP41B-WGS-CM0P0134 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT1092.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
CP41B-WES/WGS
Forward Current
I
F
35
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
154
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
CP41B-WES/WGS
V
F
I
F = 30 mA
V
3.6
4.4
Reverse Current
CP41B-WES/WGS
I
R
V
R = 5 V
μA
100
Luminous Flux
CP41B-WES/WGS
Φ
v
I
F = 30 mA
mlm
3850
7000
Luminous Intensity
CP41B-WES
I
V
I
F = 30 mA
mcd
5200
CP41B-WGS
I
V
I
F = 30 mA
mcd
3000
Chromaticity
Coordinates
CP41B-WES/WGS
x
I
F = 30 mA
0.2895
CP41B-WES/WGS
y
I
F = 30 mA
0.2905
50% Power Angle
CP41B-WES
2θ½
I
F = 30 mA
deg
60
CP41B-WGS
2θ½
I
F = 30 mA
deg
90


Similar Part No. - CP41B-WGS-CM0P0134

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WGS-CM0P0134 MARKTECH-CP41B-WGS-CM0P0134 Datasheet
651Kb / 9P
   Cree짰 P4 LED
More results

Similar Description - CP41B-WGS-CM0P0134

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com